Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PSL366-9RG Fiches technique(PDF) 13 Page - Bel Fuse Inc.

No de pièce PSL366-9RG
Description  Positive Switching Regulators
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BEL [Bel Fuse Inc.]
Site Internet  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

PSL366-9RG Fiches technique(HTML) 13 Page - Bel Fuse Inc.

Back Button PSL366-9RG Datasheet HTML 9Page - Bel Fuse Inc. PSL366-9RG Datasheet HTML 10Page - Bel Fuse Inc. PSL366-9RG Datasheet HTML 11Page - Bel Fuse Inc. PSL366-9RG Datasheet HTML 12Page - Bel Fuse Inc. PSL366-9RG Datasheet HTML 13Page - Bel Fuse Inc. PSL366-9RG Datasheet HTML 14Page - Bel Fuse Inc. PSL366-9RG Datasheet HTML 15Page - Bel Fuse Inc. PSL366-9RG Datasheet HTML 16Page - Bel Fuse Inc. PSL366-9RG Datasheet HTML 17Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
PSC, PSL Series Data Sheet
Positive Switching Regulators
MELCHER
The Power Partners.
BCD20027-G Rev
AC1, 12-Apr-2018
Page 13 of 19
30
50
100
200
500
1000 MHz
dBµV/m
10
20
30
40
0
60
JM233
50
PSC126-7iR; Vi = 60 V, Vo = 12 V; Io = 6 A; R&S ESCS 30, 10 m,
EN 55022:2010, Class B. Ci = 120 µ + Filter FP144; 20-Nov-2015
Electromagnetic Compatibility (EMC)
Electromagnetic Immunity
Table 6: Immunity type tests
Phenomenon
Standard
Class
Coupling
Value
Waveform
Source
Test
In
Perf.
Level
mode 1
applied
Imped.
procedure
oper.
crit. 2
Voltage surge 3
IEC 60571-1
3
i/c, +i /– i
800 Vp
100 µs
100
Ω
1 pos. and 1 neg.
yes
B
1500 Vp
50 µs
surge per
3000 Vp
5 µs
coupling mode
4000 Vp
1 µs
7000 Vp
100 ns
Electrostatic
IEC/EN
4 3
contact discharge
8000 Vp3
1/50 ns
330
Ω
10 positive and
yes
A 5
discharge
61000-4-2
2 4
to case
4000 Vp4
10 negative
discharges
Electromagnetic
IEC/EN
3 3
antenna
10 V/m 3
AM 80%
80 – 1000 MHz
yes
A
field
61000-4-3
2 4
3 V/m 4
1 kH z
Electrical fast
IEC/EN
3
i/c, +i/–i
2000 Vp
bursts of 5/50 ns
50
Ω
60 s positive
yes
A 5, B 4
transients/burst
61000-4-4
5 kHz rep. rate
60 s negative
transients with
transients per
15 ms burst
coupling mode
duration and a
300 ms period
Surges
IEC/EN
2 3
i /c
1000 Vp
1.2/50 µs
12
Ω / 9 µF 5 pos. and 5 neg.
yes
B 5
61000-4-5
23
+i /–i
500 Vp
2
Ω /18 µF
surges per
coupling mode
Conducted
IEC/EN
3 3
i, o, signal wires
10 VAC 3
AM 80%
150
Ω
0.15 – 80 MHz
yes
A
disturbances
61000-4-6
2 4
3 VAC 4
1 kHz
1
i = input, o = output, c = case.
2
A = Normal operation, no deviation from specifications, B = Normal operation, temporary loss of function or deviation from specs possible
3
Not applicable for -2 models
4
Valid for -2 models
5
Option L neccessary; with option C, manual reset might be necessary.
Electromagnetic Emissions
Fig. 11a
PSC126-7iR: Conducted disturbances at the input as per
EN 55011, at Vi
o = 12 V, Io
External Ci = 120 µF + Filter FP144.
Fig. 11b
PSC126-7iR: Radiated disturbances in 10 m distance, as
per EN 55011, at Vi = 60 V, Vo = 12 V,Io
0
dBµV
20
40
60
80
PSC126-7iR; Vi = 60 V, Vo = 12 V; Io = 6 A
EN 55022:2010, Class B. Ci = 120 µ + Filter FP144; 20-Nov-2015
0.2
0.5
1
2
5
10
20 MHz
EN 55011 A qp
EN 55011 A av
JM232
= 60 V, V
=
6 A.
=
6 A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com