Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PSL366-9RG Fiches technique(PDF) 2 Page - Bel Fuse Inc.

No de pièce PSL366-9RG
Description  Positive Switching Regulators
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BEL [Bel Fuse Inc.]
Site Internet  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

PSL366-9RG Fiches technique(HTML) 2 Page - Bel Fuse Inc.

  PSL366-9RG Datasheet HTML 1Page - Bel Fuse Inc. PSL366-9RG Datasheet HTML 2Page - Bel Fuse Inc. PSL366-9RG Datasheet HTML 3Page - Bel Fuse Inc. PSL366-9RG Datasheet HTML 4Page - Bel Fuse Inc. PSL366-9RG Datasheet HTML 5Page - Bel Fuse Inc. PSL366-9RG Datasheet HTML 6Page - Bel Fuse Inc. PSL366-9RG Datasheet HTML 7Page - Bel Fuse Inc. PSL366-9RG Datasheet HTML 8Page - Bel Fuse Inc. PSL366-9RG Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
PSC, PSL Series Data Sheet
Positive Switching Regulators
MELCHER
The Power Partners.
BCD20027-G Rev
AC1, 12-Apr-2018
Page 2 of 19
Table 2: PSL Series
Output
Output
Operating input
Nom. input
Efficiency 2
Type
Options
voltage
current
voltage range
voltage
designation
Vo nom [V ]
Io nom [A]
Vi [V ]
Vi nom [V ]
ηηηηηmin [%]
ηηηηηtyp [%]
5.1
10
8 – 80
40
77.5
79
PSL5A10-9RG
-7, L, i, C, non-G
5.1
12
7 – 40
20
83.5
85.5
PSL5A12-9RG
-7, L, C, non-G
12
6
18 – 144 1
60
88
89
PSL126-9RG
-7, L, C, non-G
12
8
15 – 80
40
89
90
PSL128-9RG
L, C
15
6
22 – 144 1
60
89
91
PSL156-9RG
L, C
15
8
19 – 80
40
90
92.5
PSL158-9RG
-7, L, i, C, non-G
24
6
31 – 144 1
60
93
94
PSL246-9RG
-7, L, C, non-G
24
8
29 – 80
40
93
95
PSL248-9RG
-7, L, C, K, non-G
36
6
44 – 144 1
80
95
96
PSL366-9RG
-7, L, C, non-G
36
8
42 – 80
60
95
96.5
PSL368-9RG
-7, L, C, non-G
48
6
58 –144 1
80
96
97
PSL486-9RG
-7, L, non-G
1
Surges up to 156 V for 2 s
2
Efficiency at Vi nom and Io nom.
Model Selection
Table 1: PSC Series
Output
Output
Operating input
Nom. input
Efficiency 2
Type
Options
voltage
current
voltage range
voltage
designation
Vo nom [V ]
Io nom [A]
Vi [V ]
Vi nom [V ]
ηηηηηmin [%]
ηηηηηtyp [%]
5.1
10
8 – 80
40
77.5
79
PSC5A10-9iRG
-7, L, C, D, non-G
5.1
11
8 – 40
20
78
79
PSC5A11-2 3
--
5.1
12
7 – 40
20
83.5
85.5
PSC5A12-9iRG
-7, L, P, C, D, non-G
12
6
18 – 144 1
60
88
89
PSC126-9iRG
-7, L, C, D, non-G
12
8
15 – 80
40
91
93
PSC128-9iRG
-7, L, P, C, D, non-G
12
9
15 – 40
30
89
90
PSC129-2iR 4
--
15
6
22 – 144 1
60
89
91
PSC156-9iRG
L, C, D
15
8
19 – 80
40
90
92.5
PSC158-9iRG
-7, L, P, C, D, non-G
15
9
19 – 40
30
91
93.5
PSC159-2iR 5
--
24
6
31 – 144 1
60
93
94
PSC246-9iRG
-7, L, P, C, D, non-G
24
8
29 – 80
40
93
95
PSC248-9iRG
-7, L, P, C, D, non-G
24
9
29 – 60
40
94
96
PSC249-2iR 6
--
36
6
44 – 144 1
80
95
96
PSC366-9iRG
-7, L, P, C, D, non-G
36
8
42 – 80
60
95
96.5
PSC368-9iRG
-7, L, P, C, D, non-G
48
6
58 –144 1
80
96
97
PSC486-9iRG
-7, L, P, C, D, non-G
1
Surges up to 156 V for 2 s; see Electrical Input Data
2
Efficiency at Vi nom and Io nom.
3
Obsolete. Use PSCA12-9iRG !
4
Obsolete. Use PSC128-9LiRG !
5
Obsolete. Use PSC158-9LiRG !
6
Obsolete. Use PSC248-9LiRG !
NFND: Not for new designs
Preferred for new designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com