Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PSL366-9RG Fiches technique(PDF) 4 Page - Bel Fuse Inc.

No de pièce PSL366-9RG
Description  Positive Switching Regulators
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BEL [Bel Fuse Inc.]
Site Internet  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

PSL366-9RG Fiches technique(HTML) 4 Page - Bel Fuse Inc.

  PSL366-9RG Datasheet HTML 1Page - Bel Fuse Inc. PSL366-9RG Datasheet HTML 2Page - Bel Fuse Inc. PSL366-9RG Datasheet HTML 3Page - Bel Fuse Inc. PSL366-9RG Datasheet HTML 4Page - Bel Fuse Inc. PSL366-9RG Datasheet HTML 5Page - Bel Fuse Inc. PSL366-9RG Datasheet HTML 6Page - Bel Fuse Inc. PSL366-9RG Datasheet HTML 7Page - Bel Fuse Inc. PSL366-9RG Datasheet HTML 8Page - Bel Fuse Inc. PSL366-9RG Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
PSC, PSL Series Data Sheet
Positive Switching Regulators
MELCHER
The Power Partners.
BCD20027-G Rev
AC1, 12-Apr-2018
Page 4 of 19
Produkt Marking
Type designation, applicable safety approval marks, warnings,
pin allocation, Power-One patent nos., and company logo.
Identification of LED and optional potentiometers. Label with
input voltage range, nominal output voltage and current,
protection degree, batch no., serial no., and data code
including production site, version (modification status), and
date of production.
Customer-Specific Models
Positive switching regulator in case C03 .................... PSC
Positive switching regulator in case L04 ..................... PSL
Nominal output voltage in Volt (without decimals) ......... 12
Decimal places:
0.0 V ..................................................................... Z
0.1 V ..................................................................... A
0.15 V ................................................................... B
0.2 V .................................................................... C
0.25 V .................................................................. D
0.3 V ..................................................................... E
0.4 V ..................................................................... F
0.5 V .................................................................... G
0.6 V .................................................................... H
0.7 V ..................................................................... J
0.8 V ..................................................................... K
0.9 V ..................................................................... L
other ..................................................................... Y
Output current in Ampère ................................................ 3
Identification character ............................................ A, B, ..
Temperature range and options .............................. -9 i RG
PSC 12 Z 3 A -9 i RG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com