Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLE9255WLC Fiches technique(PDF) 61 Page - Infineon Technologies AG

No de pièce TLE9255WLC
Description  HS CAN Transceiver with Partial Networking
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9255WLC Fiches technique(HTML) 61 Page - Infineon Technologies AG

Back Button TLE9255WLC Datasheet HTML 57Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 58Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 59Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 60Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 61Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 62Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 63Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 64Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 65Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 100 page
background image
Data Sheet
61
Rev. 1.02 2018-02-02
TLE9255W
Serial Peripheral Interface
SWK_MASK_ID0_CTRL
Mask Identifier 0 Control
(0EH)
ResetValue:0000H
76
54
32
10
MASK_ID7_0
rw
Field
Bits
Type
Description
MASK_ID7_0
7:0
rw
Mask Identifier
SWK_DLC_CTRL
Data Length Code Control
(0FH)
ResetValue:0000H
76
54
32
10
Reserved
DLC
rw
rw
Field
Bits
Type
Description
Reserved
7:4
rw
Reserved
DLC
3:0
rw
Data Length Code
0000B, 0 Data Bytes
0001B, 1 Data Bytes
0010B, 2 Data Bytes
0011B, 3 Data Bytes
0100B, 4 Data Bytes
0101B, 5 Data Bytes
0110B, 6 Data Bytes
0111B, 7 Data Bytes
1000B, 8 Data Bytes
1001B, 8 Data Bytes
1010B, 8 Data Bytes
1011B, 8 Data Bytes
1100B, 8 Data Bytes
1101B, 8 Data Bytes
1110B, 8 Data Bytes
1111B, 8 Data Bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100