Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLE9255WLC Fiches technique(PDF) 54 Page - Infineon Technologies AG

No de pièce TLE9255WLC
Description  HS CAN Transceiver with Partial Networking
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9255WLC Fiches technique(HTML) 54 Page - Infineon Technologies AG

Back Button TLE9255WLC Datasheet HTML 50Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 51Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 52Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 53Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 54Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 55Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 56Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 57Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 58Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 100 page
background image
Data Sheet
54
Rev. 1.02 2018-02-02
TLE9255W
Serial Peripheral Interface
VBAT_CON
0rw
Transceiver is connected with the battery
0B
, INH pin will not be switched off by entering the sleep mode,
VBAT_UV is disabled
LWU is disabled
1B
, INH pin will be switched off by entering the sleep mode
VBAT_UV is enabled
LWU is enabled
Field
Bits
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100