| Moteur de recherche de fiches techniques de composants électroniques |
|
AS3956 Fiches technique(PDF) 53 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS3956 Fiches technique(HTML) 53 Page - ams AG |
|
53 / 109 page ![]() ams Datasheet Page 53 [v1-10] 2018-Apr-27 Document Feedback AS3956 − Detailed Description Extended Mode Timing Diagram Figure 51: RF to MCU Data Transfer in Extended Mode RF NFC WRITE 0xFC, 0x001122 33 WRITE 0xFD, 0x445566 77 WRITE 0xFE, 0x8899AA BB WRITE 0xFF, 0xCCDDE EFF READ 0xFC E S N E S t t s RESOLUTI ON SELECTED AS3956 RF ACK ACK ACK ACK 0x000000 00 0x000000 00 0x000000 00 0x000000 02 3 3 2 2 1 1 0 0 x 0 3 3 2 2 1 1 0 0 x 0 3 3 2 2 1 1 0 0 x 0 3 3 2 2 1 1 0 0 x 0 0 0 0 0 0 0 0 0 x 0 C F x 0 0x00000000 7 7 6 6 5 5 4 4 x 0 7 7 6 6 5 5 4 4 x 0 7 7 6 6 5 5 4 4 x 0 0 0 0 0 0 0 0 0 x 0 0 0 0 0 0 0 0 0 x 0 D F x 0 0x00000000 B B A A 9 9 8 8 x 0 B B A A 9 9 8 8 x 0 0 0 0 0 0 0 0 0 x 0 0 0 0 0 0 0 0 0 x 0 0 0 0 0 0 0 0 0 x 0 E F x 0 0x00000000 F F E E D D C C x 0 0 0 0 0 0 0 0 0 x 0 0 0 0 0 0 0 0 0 x 0 0 0 0 0 0 0 0 0 x 0 0 0 0 0 0 0 0 0 x 0 F F x 0 0x00000000 AS3956 SPI/I²C 0x10 0x001122 33 0x445566 77 0x8899AA BB 0xCCDDE EFF MCU SPI/I²C IRQ RX Rx Tx rf_busy RF ON RF TO BUFFER DATA R E F F U B R E F S N A R T TO MCU DATA TRANSFER TAG INITIALIZATION |