| Moteur de recherche de fiches techniques de composants électroniques |
|
AS3956 Fiches technique(PDF) 24 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS3956 Fiches technique(HTML) 24 Page - ams AG |
|
24 / 109 page ![]() Page 24 ams Datasheet Document Feedback [v1-10] 2018-Apr-27 AS3956 − Detailed Description AUTHENTICATED State In this state, all operations on memory blocks, which are configured as password verification protected, can be performed. Upon reception of a SECTOR SELECT command, AS3956 returns a NAK and transits to SENSE or SLEEP state, depending on its previous state. Upon reception of a SLP_REQ command, AUTHENTICATED state is exited and AS3956 transits to SLEEP state. Any other command received when the device is in this state is interpreted as an error and, depending on its previous state, AS3956 returns to either SENSE state or SLEEP state. NFC Forum Type 2 Tag Support NFC Forum NFC-A commands ALL_REQ, SENS_REQ, SDD_REQ, SEL_REQ, SLP_REQ are required for anti-collision. Commands READ and WRITE are used for internal memory access. If NFC device issues a SECTOR SELECT command, AS3956 shall always reply with NAK. Figure 18: NFC-A vs ISO14443 Terminology NFC-A Term ISO14443 Term States SENSE IDLE SLEEP HALT RESOLUTION READY SELECTED ACTIVE Commands / Responses SENS_REQ REQA ALL_REQ WUPA SENS_RES ATQA SSD_REQ AC SEL_REQ SELECT SLP_REQ HLTA |