| Moteur de recherche de fiches techniques de composants électroniques |
|
AS3956 Fiches technique(PDF) 76 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS3956 Fiches technique(HTML) 76 Page - ams AG |
|
76 / 109 page ![]() Page 76 ams Datasheet Document Feedback [v1-10] 2018-Apr-27 AS3956 − Detailed Description Reading Received Data from Buffer Reading received data from the buffer is similar to reading data from an addressable register. Difference is that, in case of reading more bytes, they all come from the buffer. The command mode code 10b indicates buffer operations. In case of reading the received data from the buffer, all bits <C5 – C0> are set to 1. Figure 80: Reading Data from Buffer over I²C A 6 A 5 A 4 A 3 A 2 A 1 A 0 00 1 1 1 1 1 A C K 1 S Slave address 1 A C K Buffer read command SCL SDA P Slave address A 2 A 1 A 0 1 A C K A 4 A 3 A 6 A 5 S Data D 3 D 2 D 1 D 0 N A K D 5 D 4 D 7 D 6 |