| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC755 Fiches technique(PDF) 24 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
MPC755 Fiches technique(HTML) 24 Page - Motorola, Inc |
|
24 / 56 page ![]() MPC755 RISC Microprocessor Hardware Specifications, Rev. 6.1 24 Freescale Semiconductor Pin Assignments 5 Pin Assignments Figure 16 (in Part A) shows the pinout of the MPC745, 255 PBGA package as viewed from the top surface. Part B shows the side profile of the PBGA package to indicate the direction of the top surface view. Part A Figure 16. Pinout of the MPC745, 255 PBGA Package as Viewed from the Top Surface A B C D E F G H J K L M N P R T 1 2 3 4 5 6 78 910 11 12 13 14 15 16 Not to Scale View Part B Die Substrate Assembly Encapsulant |