| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC755 Fiches technique(PDF) 34 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
MPC755 Fiches technique(HTML) 34 Page - Motorola, Inc |
|
34 / 56 page ![]() MPC755 RISC Microprocessor Hardware Specifications, Rev. 6.1 34 Freescale Semiconductor Package Description 7.4 Mechanical Dimensions for the MPC755 CBGA Figure 19 provides the mechanical dimensions and bottom surface nomenclature for the MPC755, 360 CBGA package. Figure 19. Mechanical Dimensions and Bottom Surface Nomenclature for the MPC755, 360 CBGA Package NOTES: 1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M, 1994. 2. DIMENSIONS IN MILLIMETERS. 3. TOP SIDE A1 CORNER INDEX IS A METALIZED FEATURE WITH VARIOUS SHAPES. BOTTOM SIDE A1 CORNER IS DESIGNATED WITH A BALL MISSING FROM THE ARRAY. B C 360X e 123456789 10 11 12 13 14 15 16 A B C D E F G H J K L M N P R T A 0.3 C 0.15 b A A1 A2 C 0.2 C 17 18 19 U W V Millimeters DIM Min Max A 2.65 3.20 A1 0.79 0.99 A2 1.10 1.30 A3 — 0.60 b 0.82 0.93 D 25.00 BSC D1 6.75 E 25.00 BSC E1 7.87 e 1.27 BSC 0.2 D 2X A1 CORNER E 0.2 2X A E1 D1 A3 |