Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

5220-DS00-R Fiches technique(PDF) 17 Page - Broadcom Corporation.

No de pièce 5220-DS00-R
Description  10/100BASE-TX/FX Mini Transceiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOARDCOM [Broadcom Corporation.]
Site Internet  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5220-DS00-R Fiches technique(HTML) 17 Page - Broadcom Corporation.

Back Button 5220-DS00-R Datasheet HTML 13Page - Broadcom Corporation. 5220-DS00-R Datasheet HTML 14Page - Broadcom Corporation. 5220-DS00-R Datasheet HTML 15Page - Broadcom Corporation. 5220-DS00-R Datasheet HTML 16Page - Broadcom Corporation. 5220-DS00-R Datasheet HTML 17Page - Broadcom Corporation. 5220-DS00-R Datasheet HTML 18Page - Broadcom Corporation. 5220-DS00-R Datasheet HTML 19Page - Broadcom Corporation. 5220-DS00-R Datasheet HTML 20Page - Broadcom Corporation. 5220-DS00-R Datasheet HTML 21Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 90 page
background image
Preliminary Data Sheet
BCM5220
04/20/04
Broa d c om Co rp o r a t i o n
Document
5220-DS04-405-R
Far-End Fault
Page 5
FAR-END FAULT
Auto-negotiation provides a remote fault capability for detection of asymmetric link failures. Since auto-negotiation is not
available for 100BASE-FX, the BCM5220 implements the IEEE 802.3 standard Far-End Fault mechanism for the indication
and detection of remote error conditions. When the Far-End Fault mechanism is enabled, a transceiver transmits the Far-
End Fault Indication whenever a receive channel failure is detected (signal detect is deasserted). The transceiver also
continuously monitors the receive channel when a valid signal is present (signal detect asserted). When its link partner is
indicating a remote error, the transceiver forces its link monitor into the link fail state and sets the remote fault bit in the MII
status register.
The Far-End Fault mechanism is enabled by default in 100BASE-FX mode and disabled in 100BASE-TX and 10BASE-T
modes, and can be controlled by software after reset.
MII MANAGEMENT
The BCM5220 contains a complete set of MII management registers accessible by using the management clock line (MDC)
and the bidirectional serial data line (MDIO). Many transceivers can be bussed together on a single MDIO/MDC wire pair by
giving each a unique PHY address, defined by configuring the five external PHY address input pins.
Every time an MII read or write operation is executed, the BCM5220 compares the operation’s PHY address with its own
PHY address definition. The operation is executed only when the addresses match.
For further details, see Section 5: “Register Summary” on page 18.
Table 1: 4B5B Encoding
Name
4B code
5B Code
Meaning
0
0000
11110
Data 0
1
0001
01001
Data 1
2
0010
10100
Data 2
3
0011
10101
Data 3
4
0100
01010
Data 4
5
0101
01011
Data 5
6
0110
01110
Data 6
7
0111
01111
Data 7
8
1000
10010
Data 8
9
1001
10011
Data 9
A
1010
10110
Data A
B
1011
10111
Data B
C
1100
11010
Data C
D
1101
11011
Data D
E
1110
11100
Data E
F
1111
11101
Data F
I
0000*
11111
Idle
J
0101*
11000
Start-of-Stream Delimiter, Part 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90