Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

5220-DS00-R Fiches technique(PDF) 86 Page - Broadcom Corporation.

No de pièce 5220-DS00-R
Description  10/100BASE-TX/FX Mini Transceiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOARDCOM [Broadcom Corporation.]
Site Internet  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5220-DS00-R Fiches technique(HTML) 86 Page - Broadcom Corporation.

Back Button 5220-DS00-R Datasheet HTML 82Page - Broadcom Corporation. 5220-DS00-R Datasheet HTML 83Page - Broadcom Corporation. 5220-DS00-R Datasheet HTML 84Page - Broadcom Corporation. 5220-DS00-R Datasheet HTML 85Page - Broadcom Corporation. 5220-DS00-R Datasheet HTML 86Page - Broadcom Corporation. 5220-DS00-R Datasheet HTML 87Page - Broadcom Corporation. 5220-DS00-R Datasheet HTML 88Page - Broadcom Corporation. 5220-DS00-R Datasheet HTML 89Page - Broadcom Corporation. 5220-DS00-R Datasheet HTML 90Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 86 / 90 page
background image
BCM5220
Preliminary Data Sheet
04/20/04
Broa d c om Co rp o r a t i o n
Page 74
Auxiliary Status 4 Register (Shadow Register)
Document
5220-DS04-405-R
Section 9: Ther mal Chara c ter i s t ic s
Theta JC for this package in still air is 21.23 ºC/W. The BCM5220KPB is designed and rated for a maximum junction
temperature of 125 ºC.
Theta JC for this package in still air is 18.5ºC/W. The BCM5220KPT is designed and rated for a maximum junction
temperature of 125ºC.
Table 57: Theta-JA vs. Airflow for the BCM5220KPB (FBGA 64)
AIRFLOW (Feet Per Minute)
0
100
200
400
600
Theta - JA(ºC/W)
35.15
25.57
22.99
20.88
20.30
Table 58: Theta-JA vs. Airflow for the BCM5220KPT (64 TQFP)
AIRFLOW (Feet Per Minute)
0
100
200
400
600
Theta - JA(ºC/W)
56.4
51.9
49.9
48.2
47.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90