| Moteur de recherche de fiches techniques de composants électroniques |
|
5220-DS00-R Fiches technique(PDF) 72 Page - Broadcom Corporation. |
|
|
|||||||||||||||||||||||||||||
5220-DS00-R Fiches technique(HTML) 72 Page - Broadcom Corporation. |
|
72 / 90 page ![]() BCM5220 Preliminary Data Sheet 04/20/04 Broa d c om Co rp o r a t i o n Page 60 Auxiliary Status 4 Register (Shadow Register) Document 5220-DS04-405-R Figure 4: MII Transmit Start of Packet Timing (100BASE-TX) Figure 5: MII Transmit End of Packet Timing (100BASE-TX) Table 40 below provides 10BASE-X receive timing parameters. See Figure 6 on page 61 and Figure 7 on page 62 for illustrations of 100BASE-TX receive start of packet timing parameters and 100BASE-TX receive end of packet timing. Figure 8 on page 62 shows 100BASE-TX receive packet premature end. See Figure 9 on page 63 for an illustration of link failure or stream cipher error during receive packet. 100BASE-TX False carrier sense timing is shown in Figure 10 on page 63. 5 55 5 TX_TDATA TXEN_CRS TXEN_COL TXD_TDATA SSD 3RD DATA NIBBLE COL * * When receive is concurrently active II II J4 J3 J2 K4 K3 K2 K1 K0 CRS TD ± TXER TXEN TXD, J1 TXEN_SETUP I I I I I I I I I X J0 TXEN_HOLD XTALI or TXC ESD TXEN_CRS_EOP TXEN_COL_EOP LAST DATA DATA N T4 T3 T2 T1 T0 R4 R3 R2 R1 R0 NIBBLE TD ± TXD, TXER COL TXEN CRS I I I I X XTALI or TXC |