| Moteur de recherche de fiches techniques de composants électroniques |
|
5220-DS01-R Fiches technique(PDF) 17 Page - Broadcom Corporation. |
|
|
|||||||||||||||||||||||||||||
5220-DS01-R Fiches technique(HTML) 17 Page - Broadcom Corporation. |
|
17 / 90 page ![]() Preliminary Data Sheet BCM5220 04/20/04 Broa d c om Co rp o r a t i o n Document 5220-DS04-405-R Far-End Fault Page 5 FAR-END FAULT Auto-negotiation provides a remote fault capability for detection of asymmetric link failures. Since auto-negotiation is not available for 100BASE-FX, the BCM5220 implements the IEEE 802.3 standard Far-End Fault mechanism for the indication and detection of remote error conditions. When the Far-End Fault mechanism is enabled, a transceiver transmits the Far- End Fault Indication whenever a receive channel failure is detected (signal detect is deasserted). The transceiver also continuously monitors the receive channel when a valid signal is present (signal detect asserted). When its link partner is indicating a remote error, the transceiver forces its link monitor into the link fail state and sets the remote fault bit in the MII status register. The Far-End Fault mechanism is enabled by default in 100BASE-FX mode and disabled in 100BASE-TX and 10BASE-T modes, and can be controlled by software after reset. MII MANAGEMENT The BCM5220 contains a complete set of MII management registers accessible by using the management clock line (MDC) and the bidirectional serial data line (MDIO). Many transceivers can be bussed together on a single MDIO/MDC wire pair by giving each a unique PHY address, defined by configuring the five external PHY address input pins. Every time an MII read or write operation is executed, the BCM5220 compares the operation’s PHY address with its own PHY address definition. The operation is executed only when the addresses match. For further details, see Section 5: “Register Summary” on page 18. Table 1: 4B5B Encoding Name 4B code 5B Code Meaning 0 0000 11110 Data 0 1 0001 01001 Data 1 2 0010 10100 Data 2 3 0011 10101 Data 3 4 0100 01010 Data 4 5 0101 01011 Data 5 6 0110 01110 Data 6 7 0111 01111 Data 7 8 1000 10010 Data 8 9 1001 10011 Data 9 A 1010 10110 Data A B 1011 10111 Data B C 1100 11010 Data C D 1101 11011 Data D E 1110 11100 Data E F 1111 11101 Data F I 0000* 11111 Idle J 0101* 11000 Start-of-Stream Delimiter, Part 1 |