Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

5220-DS01-R Fiches technique(PDF) 32 Page - Broadcom Corporation.

No de pièce 5220-DS01-R
Description  10/100BASE-TX/FX Mini Transceiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOARDCOM [Broadcom Corporation.]
Site Internet  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5220-DS01-R Fiches technique(HTML) 32 Page - Broadcom Corporation.

Back Button 5220-DS01-R Datasheet HTML 28Page - Broadcom Corporation. 5220-DS01-R Datasheet HTML 29Page - Broadcom Corporation. 5220-DS01-R Datasheet HTML 30Page - Broadcom Corporation. 5220-DS01-R Datasheet HTML 31Page - Broadcom Corporation. 5220-DS01-R Datasheet HTML 32Page - Broadcom Corporation. 5220-DS01-R Datasheet HTML 33Page - Broadcom Corporation. 5220-DS01-R Datasheet HTML 34Page - Broadcom Corporation. 5220-DS01-R Datasheet HTML 35Page - Broadcom Corporation. 5220-DS01-R Datasheet HTML 36Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 90 page
background image
BCM5220
Preliminary Data Sheet
04/20/04
Broa d c om Co rp o r a t i o n
Page 20
Media Independent Interface (MII) Management Interface: Register Programming
Document
5220-DS04-405-R
MII REGISTER MAP SUMMARY
Table 7 contains the MII register summary for the BCM5220. The register addresses are specified in hex form, and the name
of register bits have been abbreviated. When writing to any register, preserve existing values of the reserved bits by
completing a “Read/Modify Write.” Ignore reserved bits when reading registers. Never write to an undefined register. The
reset values of the registers are shown in the INIT column. Some of these values could be different depending on how the
device is configured and also depending on the device revision value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90