Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

5220-DS01-R Fiches technique(PDF) 75 Page - Broadcom Corporation.

No de pièce 5220-DS01-R
Description  10/100BASE-TX/FX Mini Transceiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOARDCOM [Broadcom Corporation.]
Site Internet  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5220-DS01-R Fiches technique(HTML) 75 Page - Broadcom Corporation.

Back Button 5220-DS01-R Datasheet HTML 71Page - Broadcom Corporation. 5220-DS01-R Datasheet HTML 72Page - Broadcom Corporation. 5220-DS01-R Datasheet HTML 73Page - Broadcom Corporation. 5220-DS01-R Datasheet HTML 74Page - Broadcom Corporation. 5220-DS01-R Datasheet HTML 75Page - Broadcom Corporation. 5220-DS01-R Datasheet HTML 76Page - Broadcom Corporation. 5220-DS01-R Datasheet HTML 77Page - Broadcom Corporation. 5220-DS01-R Datasheet HTML 78Page - Broadcom Corporation. 5220-DS01-R Datasheet HTML 79Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 90 page
background image
Preliminary Data Sheet
BCM5220
04/20/04
Broa d c om Co rp o r a t i o n
Document
5220-DS04-405-R
Auxiliary Status 4 Register (Shadow Register)
Page 63
Figure 9: MII Link Failure or Stream Cipher Error During Receive Packet
Figure 10: MII False Carrier Sense Timing (100BASE-TX)
Table 41 provides the parameters for 10BASE-T transmit timing. Figure 11 illustrates 10BASE-T transmit start of timing
packet.
Table 41: MII 10BASE-T Transmit Timing
Parameter
Symbol
Min
Typ
Max
Unit
TXC Cycle Time (10BASE-T)
TXC_CYCLE
395
400
405
ns
Note: TXD, TXEN delivered to the BCM5220 should be generated of the rising edge of TXC.
RXDV
RXD
RXC
CRS
DATA
ERROR CODE
(2 OR 3)
RXER
LINK/
LOCK
0
0
RXDV
RXD
RD
±
RXC
CRS
RXER
0
E
I
I
II
I
I
II
II
I
I
II
I
I
I
I
I
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90