Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

POTH192103C330B Fiches technique(PDF) 2 Page - Vishay Siliconix

No de pièce POTH192103C330B
Description  Single-Turn Continuous Rotation Analog Displacement Sensors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

POTH192103C330B Fiches technique(HTML) 2 Page - Vishay Siliconix

  POTH192103C330B Datasheet HTML 1Page - Vishay Siliconix POTH192103C330B Datasheet HTML 2Page - Vishay Siliconix POTH192103C330B Datasheet HTML 3Page - Vishay Siliconix POTH192103C330B Datasheet HTML 4Page - Vishay Siliconix POTH192103C330B Datasheet HTML 5Page - Vishay Siliconix POTH192103C330B Datasheet HTML 6Page - Vishay Siliconix POTH192103C330B Datasheet HTML 7Page - Vishay Siliconix POTH192103C330B Datasheet HTML 8Page - Vishay Siliconix POTH192103C330B Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
POTH12, POTH19, POTH22, POTH27, POHR27, POTH33
www.vishay.com
Vishay MCB
Revision: 16-Nov-17
2
Document Number: 32520
For technical questions, contact: mcbprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Nothing stated herein shall be construed as a guarantee of quality or durability.
MECHANICAL SPECIFICATIONS
PARAMETER
POTH12
POTH19
POTH22
POTH27
POHR27
POTH33
Size
05
08
09
11
11
13
Running and starting torque
(c N cm)
first stage
6
8
(7 on request)
10
12
(5 on request)
12
30
(15 on request)
additional stage
-
7
9
10
10
-
Moment of inertia
(g cm2)
first stage
 0.2
 1
 0.8
 1
 0.4
 5
additional stage
-
 0.5
 0.4
 0.4
 0.2
Weight
(g)
first stage
6
17
18
23
12
< 40
additional stage
-
7
8
11
5
-
Protection class
IP 50
PERFORMANCE
PARAMETER
POTH12
POTH19
POTH22
POTH27
POHR27
POTH33
Operating temperature range
-55 °C to +125 °C
Life
25M cycles, exception: H12 = 10M cycles
10M cycles
(25M on
request)
Rotation speed (max.)
600 rpm
SAP PART NUMBERING GUIDELINES
MODEL
SIZE (mm)
GANG
VALUE
LINEARITY
ANGLE
PACKAGING
POTH
12
19
22
27
1
2
3
4
5
6
(max. number of
stages: see
“Dimensions”)
472 = 4K7
103 = 10K
A = 1 %
B = 0.5 %
C = 0.25 %
D = 0.1 %
(see “Electrical
Specifications”)
330
(POTH12)
340
(POTH19 and
POTH22)
345
(POTH27 and
POHR27)
B = box
POHR
27
POTH
33
1
350
DIMENSIONS in millimeters
POTH12
Middle tap
Approximate
electrical zero
2
4
1
3
c
a
b
Ø
5
3 ± 0.2
15 max.
12.5 ± 0.5
1 ± 0.4
0.8 ± 0.2
1.2
1.2 ± 0.1
1 ± 0.1
0
+ 0.2
1.7 x 1.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com