Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

POTH192103C330B Fiches technique(PDF) 4 Page - Vishay Siliconix

No de pièce POTH192103C330B
Description  Single-Turn Continuous Rotation Analog Displacement Sensors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

POTH192103C330B Fiches technique(HTML) 4 Page - Vishay Siliconix

  POTH192103C330B Datasheet HTML 1Page - Vishay Siliconix POTH192103C330B Datasheet HTML 2Page - Vishay Siliconix POTH192103C330B Datasheet HTML 3Page - Vishay Siliconix POTH192103C330B Datasheet HTML 4Page - Vishay Siliconix POTH192103C330B Datasheet HTML 5Page - Vishay Siliconix POTH192103C330B Datasheet HTML 6Page - Vishay Siliconix POTH192103C330B Datasheet HTML 7Page - Vishay Siliconix POTH192103C330B Datasheet HTML 8Page - Vishay Siliconix POTH192103C330B Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
POTH12, POTH19, POTH22, POTH27, POHR27, POTH33
www.vishay.com
Vishay MCB
Revision: 16-Nov-17
4
Document Number: 32520
For technical questions, contact: mcbprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
OPTION 2: WITH MIDDLE TAP
POTH22
Number of cups
1234
L
16273849
DESIGNS ON REQUEST FOR POTH22
OPTION 1
DIMENSIONS in millimeters
1.6 ± 0.1
1.6 ± 0.1
10.3 min.
6.4 min.
4 wires AWG26
Length: 300
Slot width: 0.8 ± 0.2
Depth: 1 ± 0.4
Approximate electrical zero
R12
max.
70° max.
19 ± 0.15
8 + 0.05
- 0.2
1.02 ± 0.1
1 x 45°
0.4 max.
Ø 3.048 0
- 0.005
Clockwise
Viewed shaft side
Yellow
Green
Red
Black
Slot width: 0.8 ± 0.2
Depth: 1 ± 0.4
Approximate electrical zero
20.5 max.
3.1 min.
0.4
Ø 3.175 0
- 0.013
12.5 ± 0.5
1.6 ± 0.1
L ± 1
1.6 ± 0.1
1.6 ± 0.1
- 0.3
0
R17.5 max.
1
16 ± 0.15
15.875 ± 2.5
1.6 ± 0.1
1.6 ± 0.1
1.6 ± 0.1
5 min.
0.4 0
- 0.3
Ø 3.175 0
- 0.013
F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com