Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

POTH192103C330B Fiches technique(PDF) 1 Page - Vishay Siliconix

No de pièce POTH192103C330B
Description  Single-Turn Continuous Rotation Analog Displacement Sensors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

POTH192103C330B Fiches technique(HTML) 1 Page - Vishay Siliconix

  POTH192103C330B Datasheet HTML 1Page - Vishay Siliconix POTH192103C330B Datasheet HTML 2Page - Vishay Siliconix POTH192103C330B Datasheet HTML 3Page - Vishay Siliconix POTH192103C330B Datasheet HTML 4Page - Vishay Siliconix POTH192103C330B Datasheet HTML 5Page - Vishay Siliconix POTH192103C330B Datasheet HTML 6Page - Vishay Siliconix POTH192103C330B Datasheet HTML 7Page - Vishay Siliconix POTH192103C330B Datasheet HTML 8Page - Vishay Siliconix POTH192103C330B Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
POTH12, POTH19, POTH22, POTH27, POHR27, POTH33
www.vishay.com
Vishay MCB
Revision: 16-Nov-17
1
Document Number: 32520
For technical questions, contact: mcbprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Single-Turn Continuous Rotation Analog Displacement Sensors
DESIGN SUPPORT TOOLS
FEATURES
• Conductive plastic potentiometer technology, infinite
resolution
• Servo mount anodized light alloy housing
• Precious metal contacts
• Stainless steel shaft and bearings
• Applicable standards: NFC 93255, MIL R39023
Note
(1) POTH27, POTH22 on request
Note
(1) POTH27, POTH22 on request
QUICK REFERENCE DATA
Sensor type
ROTATIONAL, conductive plastic
Output type
Output by turrets
Market appliance
Industrial, avionics
Dimensions
1/2" (12.7 mm) to 1 5/16" (33.3 mm)
click logo to get started
Available
Models
ELECTRICAL SPECIFICATIONS
PARAMETER
POTH12
POTH19
POTH22
POTH27
POHR27
POTH33
Theoretical and useful
electrical travel
330° ± 3°
340° ± 3°
340° ± 3°
345° ± 3° (1)
345° ± 3°
350° ± 3°
Theoretical electrical
travel (on request)
See table “Electrical Travel”
Useful electrical travel
(on request)
See table “Electrical Travel”
Standard linearity (

± 1 %
± 1 %
± 0.5 %
± 0.5 %
± 0.5 %
± 1 %
Optional linearity (

± 0.5 %
± 0.5 %, ± 0.4 %,
± 0.25 %, ± 0.1 %
± 0.25 %
± 1 %, ± 0.75 %,
± 0.25 %, ±0.2 %,
± 0.1 %
± 1 %,
± 0.25 %,
± 0.1 %
± 0.5 %,
± 0.25 %,
± 0.1 %
Total resistance range (E3)
4.7 k
4.7 k
 or 10 k
4.7 k
 or 10 k
4.7 k
 or 10 k
4.7 k
 or 10 k 4.7 k or 10 k
Total resistance
(on request)
--
-
500
, 2 k, 5 k,
6.4 k
, 22 k (1)
1 k
, 2.2 k,
5 k
1 k
, 2 k
Tolerance on Rn
± 10 %, ± 5 % optional, ± 20 % optional
Output smoothness
 0.1 % (0.025 % on request)
Power rating at 70 °C
0.5 W
0.8 W
1 W
1 W
1.25 W
1.5 W
Temperature coefficient
-300 ± 300 ppm/°C
Wiper current
< 1 mA
Recommended load
impedance
 100 R
n for a linearity = 1 %,
 1000 R
n for a linearity  0.05 %
Insulation resistance
 10 G at 500 V
DC
Dielectric strength
500 VRMS,
50 Hz, 1 min
750 VRMS,
50 Hz, 1 min
750 VRMS,
50 Hz, 1 min
750 VRMS,
50 Hz, 1 min
750 VRMS,
50 Hz, 1 min
1000 VRMS,
50 Hz, 1 min
ELECTRICAL TRAVEL (on request)
PARAMETER POTH12 POTH19 POTH22
POTH27
POHR27
POTH33
Theoretical
-
340°
337°
35’
-
60° 90° 90° 100° 100° 120°
140°
10’
150° 180° 180° 210° (1)
337°
13’
350°
79°
29’
100° 120°
141°
10’
Useful
-
190°
337°
35’
-
60° 70° 87° 85° 90° 118° 120° 130° 120° 140° 140° (1) 330° 348°
65°
30’
90° 100°
120°


Numéro de pièce similaire - POTH192103C330B

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
POTH19 VISHAY-POTH19 Datasheet
297Kb / 14P
Single-Turn Continuous Rotation Analog Displacement Sensors
25-Aug-2022
More results

Description similaire - POTH192103C330B

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
P22S VISHAY-P22S Datasheet
96Kb / 4P
Single-Turn Continuous Rotation Analog Displacement Sensors
06-Oct-16
POHR36 VISHAY-POHR36 Datasheet
262Kb / 11P
Single-Turn Continuous Rotation Analog Displacement Sensor
02-Mar-17
PP22B VISHAY-PP22B Datasheet
112Kb / 5P
Single-Turn Continuous Rotation Analog Displacement Sensors
14-Oct-16
P22S VISHAY-P22S_V01 Datasheet
93Kb / 4P
Single-Turn Continuous Rotation Analog Displacement Sensors
06-Oct-16
POHR36 VISHAY-POHR36_V01 Datasheet
266Kb / 11P
Single-Turn Continuous Rotation Analog Displacement Sensors
08-Mar-2019
POPR27 VISHAY-POPR27_V01 Datasheet
160Kb / 7P
Single-Turn Continuous Rotation Analog Displacement Sensors
11-May-2022
POTH12 VISHAY-POTH12_V01 Datasheet
297Kb / 14P
Single-Turn Continuous Rotation Analog Displacement Sensors
25-Aug-2022
PP12SR VISHAY-PP12SR_V01 Datasheet
84Kb / 4P
Single-Turn Continuous Rotation Analog Displacement Sensors
06-Jul-2021
PP22B VISHAY-PP22B_V01 Datasheet
109Kb / 5P
Single-Turn Continuous Rotation Analog Displacement Sensors
14-Oct-16
PP36 VISHAY-PP36_V01 Datasheet
88Kb / 3P
Single-Turn Continuous Rotation Analog Displacement Sensors
25-Jan-18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com