Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UPSD3253 Fiches technique(PDF) 23 Page - STMicroelectronics

No de pièce UPSD3253
Description  Flash Programmable System Devices with 8032 Microcontroller Core and 256Kbit SRAM
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3253 Fiches technique(HTML) 23 Page - STMicroelectronics

Back Button UPSD3253 Datasheet HTML 19Page - STMicroelectronics UPSD3253 Datasheet HTML 20Page - STMicroelectronics UPSD3253 Datasheet HTML 21Page - STMicroelectronics UPSD3253 Datasheet HTML 22Page - STMicroelectronics UPSD3253 Datasheet HTML 23Page - STMicroelectronics UPSD3253 Datasheet HTML 24Page - STMicroelectronics UPSD3253 Datasheet HTML 25Page - STMicroelectronics UPSD3253 Datasheet HTML 26Page - STMicroelectronics UPSD3253 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 176 page
background image
23/176
µPSD325X DEVICES
Table 5. Logical Instructions
Mnemonic
Operation
Addressing Modes
Dir.
Ind.
Reg.
Imm
ANL A,<byte>
A = A .AND. <byte>
XXXX
ANL <byte>,A
A = <byte> .AND. A
X
ANL <byte>,#data
A = <byte> .AND. #data
X
ORL A,<byte>
A = A .OR. <byte>
XXXX
ORL <byte>,A
A = <byte> .OR. A
X
ORL <byte>,#data
A = <byte> .OR. #data
X
XRL A,<byte>
A = A .XOR. <byte>
XXXX
XRL <byte>,A
A = <byte> .XOR. A
X
XRL <byte>,#data
A = <byte> .XOR. #data
X
CRL A
A = 00h
Accumulator only
CPL A
A = .NOT. A
Accumulator only
RL A
Rotate A Left 1 bit
Accumulator only
RLC A
Rotate A Left through Carry
Accumulator only
RR A
Rotate A Right 1 bit
Accumulator only
RRC A
Rotate A Right through Carry
Accumulator only
SWAP A
Swap Nibbles in A
Accumulator only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More