Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UPSD3253 Fiches technique(PDF) 91 Page - STMicroelectronics

No de pièce UPSD3253
Description  Flash Programmable System Devices with 8032 Microcontroller Core and 256Kbit SRAM
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3253 Fiches technique(HTML) 91 Page - STMicroelectronics

Back Button UPSD3253 Datasheet HTML 87Page - STMicroelectronics UPSD3253 Datasheet HTML 88Page - STMicroelectronics UPSD3253 Datasheet HTML 89Page - STMicroelectronics UPSD3253 Datasheet HTML 90Page - STMicroelectronics UPSD3253 Datasheet HTML 91Page - STMicroelectronics UPSD3253 Datasheet HTML 92Page - STMicroelectronics UPSD3253 Datasheet HTML 93Page - STMicroelectronics UPSD3253 Datasheet HTML 94Page - STMicroelectronics UPSD3253 Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 176 page
background image
91/176
µPSD325X DEVICES
Table 65. USB Interrupt Enable Register (UIEN: 0E9h)
Table 66. Description of the UIEN Bits
Table 67. USB Interrupt Status Register (UISTA: 0E8h)
76543210
SUSPNDI
RSTE
RSTFIE
TXD0IE
RXD0IE
TXD1IE
EOPIE
RESUMI
Bit
Symbol
R/W
Function
7
SUSPNDI
R/W
Enable SUSPND interrupt
6
RSTE
R/W
Enable USB Reset; also resets the CPU and PSD Modules when bit is
set to ’1.’
5
RSTFIE
R/W
Enable RSTF (USB Bus Reset Flag) Interrupt
4
TXD0IE
R/W
Enable TXD0 interrupt
3
RXD0IE
R/W
Enable RXD0 interrupt
2
TXD1IE
R/W
Enable TXD1 interrupt
1
EOPIE
R/W
Enable EOP interrupt
0
RESUMI
R/W
Enable USB resume interrupt when it is the Suspend Mode
76543210
SUSPND
—
RSTF
TXD0F
RXD0F
TXD1F
EOPF
RESUMF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More