Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UPSD3253 Fiches technique(PDF) 69 Page - STMicroelectronics

No de pièce UPSD3253
Description  Flash Programmable System Devices with 8032 Microcontroller Core and 256Kbit SRAM
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3253 Fiches technique(HTML) 69 Page - STMicroelectronics

Back Button UPSD3253 Datasheet HTML 65Page - STMicroelectronics UPSD3253 Datasheet HTML 66Page - STMicroelectronics UPSD3253 Datasheet HTML 67Page - STMicroelectronics UPSD3253 Datasheet HTML 68Page - STMicroelectronics UPSD3253 Datasheet HTML 69Page - STMicroelectronics UPSD3253 Datasheet HTML 70Page - STMicroelectronics UPSD3253 Datasheet HTML 71Page - STMicroelectronics UPSD3253 Datasheet HTML 72Page - STMicroelectronics UPSD3253 Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 176 page
background image
69/176
µPSD325X DEVICES
Figure 34. Serial Port Mode 3, Waveforms
AI06847
Write to SBUF
Data
Shift
TxD
TI
Rx Clock
RxD
Bit Detector
Sample Times
Shift
RI
S1P1
÷16 Reset
Receive
Transmit
D0
D1
D2
D3
D4
D5
D6
D7
Send
Tx Clock
Start Bit
Stop Bit
TB8
D0
D1
D2
D3
D4
D5
D6
D7
Start Bit
Stop Bit
RB8
Stop Bit
Generator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More