| Moteur de recherche de fiches techniques de composants électroniques |
|
UM2153 Fiches technique(PDF) 43 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM2153 Fiches technique(HTML) 43 Page - STMicroelectronics |
|
43 / 57 page ![]() Figure 23. STM32L475VG microcontroller 211 STM32L475 - 1/2 MB1297 D 29/01/2017 Title: Size: Reference: Date: Sheet: of A4 Revision: Project: Designed by DiZiC PE2 1 PE3 2 PE4 3 PE5 4 PE6 5 PE7 38 PE8 39 PE9 40 PE10 41 PE11 42 PE12 43 PE13 44 PE14 45 PE15 46 PD8 55 PD9 56 PD10 57 PD11 58 PD12 59 PD13 60 PD14 61 PD15 62 PD0 81 PD1 82 PD2 83 PD3 84 PD4 85 PD5 86 PD6 87 PD7 88 PE0 97 PE1 98 U1B STM32L475VGTx PA0/WKUP1 23 PA1 24 PA2 25 PA3 26 PA4 29 PA5 30 PA6 31 PA7 32 PB0 35 PB1 36 PB2 37 PB10 47 PB12 51 PB13 52 PB14 53 PB15 54 PA8 67 PA9 68 PA10 69 PA11 70 PA12 71 PA13/SWDIO 72 PA14/SWCLK 76 PA15 77 PB3/SWO 89 PB4 90 PB5 91 PB6 92 PB7 93 PB8 95 PB9 96 PC13/WKUP2 7 PC14-OSC32_IN 8 PC15-OSC32_OUT 9 PC0 15 PC1 16 PC2 17 PC3 18 PC4 33 PC5 34 PC6 63 PC7 64 PC8 65 PC9 66 PC10 78 PC11 79 PC12 80 PB11 48 U1A STM32L475VGTx M24SR64-Y-RF_DISABLE M24SR64-Y-GPO SPSGRF-915-GPIO3_EXTI5 SPBTLE-RF-IRQ_EXTI6 BUTTON_EXTI13 X2 NX3215SA-32.768K ARD.A5-ADC ARD.A4-ADC ARD.A3-ADC ARD.A2-ADC ARD.D1-UART4_TX ARD.D0-UART4_RX ARD.D10-SPI_SSN/PWM ARD.D4 ARD.D7 ARD.D13-SPI1_SCK/LED1 ARD.D12-SPI1_MISO ARD.D11-SPI1_MOSI/PWM ARD.A1-ADC ARD.A0-ADC ARD.D3-PWM/INT1_EXTI0 ARD.D6-PWM ARD.D8 ISM43362-RST INTERNAL-I2C2_SCL INTERNAL-I2C2_SDA ISM43362-BOOT0 ISM43362-WAKEUP LED2 SPSGRF-915-SDN INTERNAL-UART3_TX INTERNAL-UART3_RX LPS22HB_INT_DRDY_EXTI10 LSM6DSL_INT1_EXTI11 USB_OTG_FS_PWR_EN SPBTLE-RF-SPI3_CSN ARD.D2-INT0_EXTI14 HTS221_DRDY_EXTI15 VL53L0X_XSHUT VL53L0X_GPIO1_EXTI7 LSM3MDL_DRDY_EXTI8 LED3(WIFI) & LED4(BLE) SPBTLE-RF-RST DFSDM1_DATIN2 DFSDM1_CKOUT SYS_JTMS-SWDIO SYS_JTCK-SWCLK ARD.D9-PWM USB_OTG_FS_VBUS USB_OTG_FS_ID USB_OTG_FS_DM USB_OTG_FS_DP QUADSPI_CLK QUADSPI_NCS QUADSPI_BK1_IO0 QUADSPI_BK1_IO1 QUADSPI_BK1_IO2 QUADSPI_BK1_IO3 SYS_JTDO-SWO INTERNAL-SPI3_SCK INTERNAL-SPI3_MISO INTERNAL-SPI3_MOSI PMOD-RESET PMOD-SPI2_SCK PMOD-IRQ_EXTI2 PMOD-UART2_CTS/SPI2_MISO PMOD-UART2_RTS/SPI2_MOSI PMOD-UART2_TX/SPI2_CSN PMOD-UART2_RX STSAFE-A100-RESET ARD.D5-PWM SPSGRF-915-SPI3_CSN ST-LINK-UART1_TX ST-LINK-UART1_RX ARD.D14-I2C1_SDA ARD.D15-I2C1_SCL ISM43362-SPI3_CSN ISM43362-DRDY_EXTI1 3V3 R8 2K2 R9 2K2 3V3 R10 2K2 R11 2K2 R12 0R C14 5.1pF GND C15 5.1pF GND USB_OTG_FS_OVRCR_EXTI3 USB_N USB_P |