| Moteur de recherche de fiches techniques de composants électroniques |
|
UM2153 Fiches technique(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM2153 Fiches technique(HTML) 16 Page - STMicroelectronics |
|
16 / 57 page ![]() Hardware layout and configuration UM2153 16/57 DocID030118 Rev 3 Figure 9. JP4: 5V_USB_FS • 5V_VBAT (see Figure 10) is the DC power coming from external. In this case, jumper of JP4 should be on pins 7 and 8 to select the 5V_VBAT power source on silkscreen of JP4. Figure 10. JP4: 5V_VBAT • 5V_USB_CHARGER (see Figure 11) is the DC power charger connected to the USB ST-LINK (CN7). To select the 5V_USB_CHARGER power source on silkscreen of JP4, the jumper of JP4 should be on pins 9 and 10. In this case, if the STM32L4 Discovery kit for IoT node is powered by an external USB charger then the debug is not available. If the PC is connected instead of the charger, the limitation is no longer effective and the PC could be damaged. |