Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST25DV64K Fiches technique(PDF) 195 Page - STMicroelectronics

No de pièce ST25DV64K
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM,and fast transfer mode capability
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV64K Fiches technique(HTML) 195 Page - STMicroelectronics

Back Button ST25DV64K Datasheet HTML 191Page - STMicroelectronics ST25DV64K Datasheet HTML 192Page - STMicroelectronics ST25DV64K Datasheet HTML 193Page - STMicroelectronics ST25DV64K Datasheet HTML 194Page - STMicroelectronics ST25DV64K Datasheet HTML 195Page - STMicroelectronics ST25DV64K Datasheet HTML 196Page - STMicroelectronics ST25DV64K Datasheet HTML 197Page - STMicroelectronics ST25DV64K Datasheet HTML 198Page - STMicroelectronics ST25DV64K Datasheet HTML 199Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 220 page
background image
DocID027603 Rev 4
195/220
ST25DV04K ST25DV16K ST25DV64K
Bit representation and coding for fast commands
219
A.4
EOF when using one subcarrier
A.4.1
High data rate
For the Fast commands, the EOF comprises a logic 0 that includes four pulses at
423.75 kHz and an unmodulated time of 9.44 µs, followed by 12 pulses at 423.75 kHz
(fC/32) and an unmodulated time of 37.76 µs, as shown in Figure 90.
Figure 90. End of frame, high data rate, one subcarrier, fast commands
A.4.2
Low data rate
For the Fast commands, the EOF comprises a logic 0 that includes 16 pulses at 423.75 kHz
and an unmodulated time of 37.76 µs, followed by 48 pulses at 423.75 kHz (fC/32) and an
unmodulated time of 113.28 µs, as shown in Figure 91.
Figure 91. End of frame, low data rate, one subcarrier, fast commands
Note:
For SOF and EOF in fast commands, bit coding using two subcarriers is not supported.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More