Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST25DV64K Fiches technique(PDF) 51 Page - STMicroelectronics

No de pièce ST25DV64K
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM,and fast transfer mode capability
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV64K Fiches technique(HTML) 51 Page - STMicroelectronics

Back Button ST25DV64K Datasheet HTML 47Page - STMicroelectronics ST25DV64K Datasheet HTML 48Page - STMicroelectronics ST25DV64K Datasheet HTML 49Page - STMicroelectronics ST25DV64K Datasheet HTML 50Page - STMicroelectronics ST25DV64K Datasheet HTML 51Page - STMicroelectronics ST25DV64K Datasheet HTML 52Page - STMicroelectronics ST25DV64K Datasheet HTML 53Page - STMicroelectronics ST25DV64K Datasheet HTML 54Page - STMicroelectronics ST25DV64K Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 220 page
background image
DocID027603 Rev 4
51/220
ST25DV04K ST25DV16K ST25DV64K
ST25DVxxx specific features
219
RF_WRITE:
•
When RF_WRITE is activated, a pulse of duration IT_TIME is emitted at completion of
a valid RF write operation in EEPROM (after EOF of ST25DV response).
•
Following commands trigger the RF_WRITE interrupt after a valid write operation in
EEPROM:
–
Write Single Block
–
Extended Write Single Block
–
Write Multiple Block
–
Extended Write Multiple Block
–
Lock Block
–
Extended Lock Block
–
Write AFI
–
Lock AFI
–
Write DSFID
–
Lock DSFID
–
Write Configuration
–
Write Password
•
Note that writing in dynamic registers or fast transfer mode mailbox does not trigger
RF_WRITE interrupt (no write operation in EEPROM).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More