| Moteur de recherche de fiches techniques de composants électroniques |
|
ST25DV64K Fiches technique(PDF) 85 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST25DV64K Fiches technique(HTML) 85 Page - STMicroelectronics |
|
85 / 220 page ![]() DocID027603 Rev 4 85/220 ST25DV04K ST25DV16K ST25DV64K ST25DVxxx specific features 219 Table 50. IC_REV(1) 1. Refer to Table 8: System configuration memory map for the IC_REV register. RF Command No access Type I2C Address E2 = 1, 0020h Type RO Bit Name Function Factory Value b7-b0 IC_REV IC revision Depending on revision |