Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST25DV64K Fiches technique(PDF) 192 Page - STMicroelectronics

No de pièce ST25DV64K
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM,and fast transfer mode capability
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV64K Fiches technique(HTML) 192 Page - STMicroelectronics

Back Button ST25DV64K Datasheet HTML 188Page - STMicroelectronics ST25DV64K Datasheet HTML 189Page - STMicroelectronics ST25DV64K Datasheet HTML 190Page - STMicroelectronics ST25DV64K Datasheet HTML 191Page - STMicroelectronics ST25DV64K Datasheet HTML 192Page - STMicroelectronics ST25DV64K Datasheet HTML 193Page - STMicroelectronics ST25DV64K Datasheet HTML 194Page - STMicroelectronics ST25DV64K Datasheet HTML 195Page - STMicroelectronics ST25DV64K Datasheet HTML 196Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 220 page
background image
Ordering information
ST25DV04K ST25DV16K ST25DV64K
192/220
DocID027603 Rev 4
Note:
Parts marked as “ES” or “E” are not yet qualified and therefore not approved for use in
production. ST is not responsible for any consequences resulting from such use. In no event
will ST be liable for the customer using any of these engineering samples in production.
ST’s Quality department must be contacted prior to any decision to use these engineering
samples to run a qualification activity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More