Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST25DV64K Fiches technique(PDF) 182 Page - STMicroelectronics

No de pièce ST25DV64K
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM,and fast transfer mode capability
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV64K Fiches technique(HTML) 182 Page - STMicroelectronics

Back Button ST25DV64K Datasheet HTML 178Page - STMicroelectronics ST25DV64K Datasheet HTML 179Page - STMicroelectronics ST25DV64K Datasheet HTML 180Page - STMicroelectronics ST25DV64K Datasheet HTML 181Page - STMicroelectronics ST25DV64K Datasheet HTML 182Page - STMicroelectronics ST25DV64K Datasheet HTML 183Page - STMicroelectronics ST25DV64K Datasheet HTML 184Page - STMicroelectronics ST25DV64K Datasheet HTML 185Page - STMicroelectronics ST25DV64K Datasheet HTML 186Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 220 page
background image
Device parameters
ST25DV04K ST25DV16K ST25DV64K
182/220
DocID027603 Rev 4
Figure 77: ASK modulated signal shows an ASK modulated signal from the VCD to the
ST25DVxxx. The test conditions for the AC/DC parameters are:
•
Close coupling condition with tester antenna (1 mm)
•
ST25DVxxx performance measured at the tag antenna
•
ST25DVxxx synchronous timing, transmit and receive
Figure 77. ASK modulated signal
Table 215. Operating conditions
Symbol
Parameter
Min.
Max.
Unit
TA
Ambient operating temperature
Range 6
-40
85
°C
Range 8
-40
105



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More