Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPBTLE-1S Fiches technique(PDF) 23 Page - STMicroelectronics

No de pièce SPBTLE-1S
Description  Very low power application processor module for Bluetooth® Low Energy v4.2
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPBTLE-1S Fiches technique(HTML) 23 Page - STMicroelectronics

Back Button SPBTLE-1S Datasheet HTML 19Page - STMicroelectronics SPBTLE-1S Datasheet HTML 20Page - STMicroelectronics SPBTLE-1S Datasheet HTML 21Page - STMicroelectronics SPBTLE-1S Datasheet HTML 22Page - STMicroelectronics SPBTLE-1S Datasheet HTML 23Page - STMicroelectronics SPBTLE-1S Datasheet HTML 24Page - STMicroelectronics SPBTLE-1S Datasheet HTML 25Page - STMicroelectronics SPBTLE-1S Datasheet HTML 26Page - STMicroelectronics SPBTLE-1S Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
SPBTLE-1S
Ordering information
DocID030445 Rev 3
23/27
8
Ordering information
Table 9: Ordering information
Order code
Description
Packing
MOQ
SPBTLE-1S
Bluetooth® V4.2 smart module
Tray
2448
SPBTLE-1STR
Bluetooth® V4.2 smart module
tape and reel
1000 pcs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27