Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPBTLE-1S Fiches technique(PDF) 8 Page - STMicroelectronics

No de pièce SPBTLE-1S
Description  Very low power application processor module for Bluetooth® Low Energy v4.2
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPBTLE-1S Fiches technique(HTML) 8 Page - STMicroelectronics

Back Button SPBTLE-1S Datasheet HTML 4Page - STMicroelectronics SPBTLE-1S Datasheet HTML 5Page - STMicroelectronics SPBTLE-1S Datasheet HTML 6Page - STMicroelectronics SPBTLE-1S Datasheet HTML 7Page - STMicroelectronics SPBTLE-1S Datasheet HTML 8Page - STMicroelectronics SPBTLE-1S Datasheet HTML 9Page - STMicroelectronics SPBTLE-1S Datasheet HTML 10Page - STMicroelectronics SPBTLE-1S Datasheet HTML 11Page - STMicroelectronics SPBTLE-1S Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
Software development
SPBTLE-1S
8/27
DocID030445 Rev 3
Figure 2: SPBTLE-1S BLE application processor
Hosted mode (Network processor): the module is configured as network module
controlled by an external host connected via SPI or UART. A project named DTM is
available in the Development Kit that configures the SPBTLE-1S module as a network
module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27