Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPBTLE-1S Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce SPBTLE-1S
Description  Very low power application processor module for Bluetooth® Low Energy v4.2
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPBTLE-1S Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button SPBTLE-1S Datasheet HTML 7Page - STMicroelectronics SPBTLE-1S Datasheet HTML 8Page - STMicroelectronics SPBTLE-1S Datasheet HTML 9Page - STMicroelectronics SPBTLE-1S Datasheet HTML 10Page - STMicroelectronics SPBTLE-1S Datasheet HTML 11Page - STMicroelectronics SPBTLE-1S Datasheet HTML 12Page - STMicroelectronics SPBTLE-1S Datasheet HTML 13Page - STMicroelectronics SPBTLE-1S Datasheet HTML 14Page - STMicroelectronics SPBTLE-1S Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
SPBTLE-1S
Hardware specifications
DocID030445 Rev 3
11/27
Figure 4: Config
uration of the “BlueNRG current consumption estimation tool”
Table 4: Current consumption
Symbol
Parameter
Test conditions
Typ.
Unit
IDD
Supply current
Reset
5
nA
Standby
500
nA
Sleep mode
0.9
µA
Active Mode
1.9
mA
RX
7.7
mA
TX: +5dBm
15
mA
TX: 0 dBm
11
mA
Figure 5: Typical current consumption profile at +5 dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27