Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SLG46121V Fiches technique(PDF) 30 Page - Dialog Semiconductor

No de pièce SLG46121V
Description  Personal Computers and Servers
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIALOG [Dialog Semiconductor]
Site Internet  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46121V Fiches technique(HTML) 30 Page - Dialog Semiconductor

Back Button SLG46121V Datasheet HTML 26Page - Dialog Semiconductor SLG46121V Datasheet HTML 27Page - Dialog Semiconductor SLG46121V Datasheet HTML 28Page - Dialog Semiconductor SLG46121V Datasheet HTML 29Page - Dialog Semiconductor SLG46121V Datasheet HTML 30Page - Dialog Semiconductor SLG46121V Datasheet HTML 31Page - Dialog Semiconductor SLG46121V Datasheet HTML 32Page - Dialog Semiconductor SLG46121V Datasheet HTML 33Page - Dialog Semiconductor SLG46121V Datasheet HTML 34Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 98 page
background image
000-0046121--106
Page 29 of 97
SLG46121
7.10.2 Register OE IO Structure (for Pins 8, 9, 12)
Figure 6. Register OE IO Structure Diagram
PAD
Digital In
S0
S1
pull_up_en
10 k
90 k
900 k
Res_sel[1:0]
00: floating
01: 10 k
10: 100 k
11: 1 M
wosmt_en
smt_en
lv_en
Low Voltage
Input
Schmitt Trigger
Input
Non-Schmitt
Trigger Input
Mode [2:0]
000: Digital In without Schmitt Trigger, wosmt_en=1
001: Digital In with Schmitt Trigger, smt_en=1
010: Low Voltage Digital In mode, lv_en = 1
011: analog IO mode
100: push-pull mode, pp_en=1
101: NMOS open drain mode, odn_en=1
110: PMOS open drain mode, odp_en=1
111: analog IO and NMOS open-drain mode, odn_en=1 and AIO_en=1
Analog IO
Digital Out
Digital Out
OE
odn_en
OE
odn_en
Digital Out
OE
2x_en
pp_en
2x_en
odp_en
Digital Out
OE
pp_en
odp_en
VDD2
VDD2
VDD2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98