Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SLG46121V Fiches technique(PDF) 27 Page - Dialog Semiconductor

No de pièce SLG46121V
Description  Personal Computers and Servers
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIALOG [Dialog Semiconductor]
Site Internet  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46121V Fiches technique(HTML) 27 Page - Dialog Semiconductor

Back Button SLG46121V Datasheet HTML 23Page - Dialog Semiconductor SLG46121V Datasheet HTML 24Page - Dialog Semiconductor SLG46121V Datasheet HTML 25Page - Dialog Semiconductor SLG46121V Datasheet HTML 26Page - Dialog Semiconductor SLG46121V Datasheet HTML 27Page - Dialog Semiconductor SLG46121V Datasheet HTML 28Page - Dialog Semiconductor SLG46121V Datasheet HTML 29Page - Dialog Semiconductor SLG46121V Datasheet HTML 30Page - Dialog Semiconductor SLG46121V Datasheet HTML 31Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 98 page
background image
000-0046121--106
Page 26 of 97
SLG46121
7.9 Matrix OE IO Structure
7.9.1 Matrix OE IO Structure (for Pin 6)
Figure 3. Matrix OE IO Structure Diagram
PAD
Digital In
S0
S1
pull_up_en
10 k
90 k
900 k
Res_sel[1:0]
00: floating
01: 10 k
10: 100 k
11: 1 M
wosmt_en
smt_en
lv_en
Low Voltage
Input
Schmitt Trigger
Input
Non-Schmitt
Trigger Input
Input Mode [1:0]
00: Digital In without Schmitt Trigger, wosmt_en=1
01: Digital In with Schmitt Trigger, smt_en=1
10: Low Voltage Digital In mode, lv_en = 1
11: analog IO mode
Output Mode [1:0]
00: 1x push-pull mode, pp1x_en=1
01: 2x push-pull mode, pp2x_en=1, pp1x_en=1
10: 1x NMOS open drain mode, od1x_en=1
11: 2x NMOS open drain mode, od2x_en=1, od1x_en=1
Analog IO
Digital Out
Digital Out
OE
od2x_en
OE
od1x_en
Digital Out
OE
pp2x_en
Digital Out
OE
pp1x_en
VDD
VDD
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98