| Moteur de recherche de fiches techniques de composants électroniques |
|
SLG46121V Fiches technique(PDF) 46 Page - Dialog Semiconductor |
|
|
|||||||||||||||||||||||||||||
SLG46121V Fiches technique(HTML) 46 Page - Dialog Semiconductor |
|
46 / 98 page ![]() 000-0046121--106 Page 45 of 97 SLG46121 Figure 17. 3-bit LUT2 or DFF6 Figure 18. 3-bit LUT3 or DFF7 DFF6 To Connection Matrix< Input 14> From Connection Matrix Output <25> 3-bit LUT2 From Connection Matrix Output <24> From Connection Matrix Output <23> reg <447:440> clk D 8-bits NVM 1-bit NVM OUT IN1 IN2 IN0 nRST/nSET reg <498> reg <441> Output Select (Q or nQ) Q/nQ DFF7 3-bit LUT3 From Connection Matrix Output <28> From Connection Matrix Output <27> From Connection Matrix Output <26> reg <455:448> To Connection Matrix< Input 15> clk D 8-bits NVM 1-bit NVM OUT IN1 IN2 IN0 nRST/nSET reg <499> reg <449> Output Select (Q or nQ) Q/nQ |