Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MSP432P411VIPZ Fiches technique(PDF) 192 Page - Texas Instruments

No de pièce MSP432P411VIPZ
Description  SimpleLink Mixed-Signal Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

MSP432P411VIPZ Fiches technique(HTML) 192 Page - Texas Instruments

Back Button MSP432P411VIPZ Datasheet HTML 188Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 189Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 190Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 191Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 192Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 193Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 194Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 195Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 196Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 212 page
background image
192
MSP432P4111, MSP432P4011, MSP432P411Y
MSP432P401Y, MSP432P411V, MSP432P401V
SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V
Detailed Description
Copyright © 2017–2018, Texas Instruments Incorporated
6.13 Device Descriptors (TLV)
Table 6-88 lists the Device IDs of the MSP432P4x1xI devices.
Table 6-88. Device IDs
DEVICE
DEVICE ID
MSP432P4111IPZ
0000A010h
MSP432P411YIPZ
0000A012h
MSP432P411VIPZ
0000A016h
MSP432P4011IRGC
0000A019h
MSP432P401YIRGC
0000A01Bh
MSP432P401VIRGC
0000A01Fh
(1)
Per unit = the contents can differ from device to device
Table 6-89 lists the contents of the device descriptor tag-length-value (TLV) structure for MSP432P4x1xI
devices.
Table 6-89. Device Descriptors(1)
DESCRIPTION
ADDRESS
VALUE
TLV checksum
00201000h
Per unit
Info Block
Device info tag
00201004h
0000000Bh
Device info length
00201008h
00000004h
Device ID
0020100Ch
See Table 6-88.
Hardware revision
00201010h
00000041h
Boot code revision
00201014h
00430044h
ROM driver library revision
00201018h
03400011h
Die Record
Die record tag
0020101Ch
0000000Ch
Die record length
00201020h
00000008h
Die X position
00201024h
Per unit
Die Y position
00201028h
Per unit
Wafer ID
0020102Ch
Per unit
Lot ID
00201030h
Per unit
Reserved
00201034h
Per unit
Reserved
00201038h
Per unit
Reserved
0020103Ch
Per unit
Test results
00201040h
FFFFFFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More