| Moteur de recherche de fiches techniques de composants électroniques |
|
MSP432P411VIPZ Fiches technique(PDF) 20 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
MSP432P411VIPZ Fiches technique(HTML) 20 Page - Texas Instruments |
|
20 / 212 page ![]() 20 MSP432P4111, MSP432P4011, MSP432P411Y MSP432P401Y, MSP432P411V, MSP432P401V SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018 www.ti.com Submit Documentation Feedback Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V Terminal Configuration and Functions Copyright © 2017–2018, Texas Instruments Incorporated (1) N/A = not available (2) I = input, O = output 4.4 Signal Descriptions Table 4-3 describes the signals for all device variants and package options. Table 4-3. Signal Descriptions FUNCTION SIGNAL NAME SIGNAL NO. (1) SIGNAL TYPE (2) DESCRIPTION PZ RGC ADC A0 69 44 I ADC analog input A0 A1 68 43 I ADC analog input A1 A2 67 42 I ADC analog input A2 A3 66 41 I ADC analog input A3 A4 65 40 I ADC analog input A4 A5 64 39 I ADC analog input A5 A6 63 38 I ADC analog input A6 A7 62 37 I ADC analog input A7 A8 61 36 I ADC analog input A8 A9 60 35 I ADC analog input A9 A10 59 34 I ADC analog input A10 A11 58 33 I ADC analog input A11 A12 57 N/A I ADC analog input A12 A13 56 N/A I ADC analog input A13 A14 55 N/A I ADC analog input A14 A15 54 N/A I ADC analog input A15 A16 53 N/A I ADC analog input A16 A17 52 N/A I ADC analog input A17 A18 51 N/A I ADC analog input A18 A19 50 N/A I ADC analog input A19 A20 49 N/A I ADC analog input A20 A21 48 N/A I ADC analog input A21 A22 47 N/A I ADC analog input A22 A23 46 N/A I ADC analog input A23 Clock ACLK 58 33 O ACLK clock output DCOR 44 31 – DCO external resistor pin HFXIN 86 55 I Input for high-frequency crystal oscillator HFXT HFXOUT 85 54 O Output for high-frequency crystal oscillator HFXT HSMCLK 60 35 O HSMCLK clock output LFXIN 41 28 I Input for low-frequency crystal oscillator LFXT LFXOUT 42 29 O Output of low-frequency crystal oscillator LFXT MCLK 59 34 O MCLK clock output |