Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MSP432P411VIPZ Fiches technique(PDF) 98 Page - Texas Instruments

No de pièce MSP432P411VIPZ
Description  SimpleLink Mixed-Signal Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

MSP432P411VIPZ Fiches technique(HTML) 98 Page - Texas Instruments

Back Button MSP432P411VIPZ Datasheet HTML 94Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 95Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 96Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 97Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 98Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 99Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 100Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 101Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 102Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 212 page
background image
Code
SRAM
Peripherals
Unused
Unused
Unused
Unused
Debug/Trace
Peripherals
0x0000_0000
0x1FFF_FFFF
0x3FFF_FFFF
0x5FFF_FFFF
0x7FFF_FFFF
0x9FFF_FFFF
0xBFFF_FFFF
0xDFFF_FFFF
0xFFFF_FFFF
0x2000_0000
0x4000_0000
0x6000_0000
0x8000_0000
0xA000_0000
0xC000_0000
0xE000_0000
98
MSP432P4111, MSP432P4011, MSP432P411Y
MSP432P401Y, MSP432P411V, MSP432P401V
SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V
Detailed Description
Copyright © 2017–2018, Texas Instruments Incorporated
For system trace, the processor integrates an Instrumentation Trace Macrocell (ITM) alongside data
watchpoints and a profiling unit. To enable simple and cost-effective profiling of the system trace events, a
Serial Wire Viewer (SWV) can export a stream of software-generated messages, data trace, and profiling
information through a single pin.
NOTE
For detailed specifications and information on the programmer's model for the Cortex-M4
CPU and the associated peripherals mentioned throughout Section 6.2, see the appropriate
reference manual at www.arm.com.
6.3
Memory Map
The device supports a 4-GB address space that is divided into eight 512-MB zones (see Figure 6-1).
Figure 6-1. Device Memory Zones
6.3.1
Code Zone Memory Map
The region from 0x0000_0000 to 0x1FFF_FFFF is defined as the Code zone, and is accessible through
the ICODE and DCODE buses of the Cortex-M4 processor and through the system DMA. This region
maps the flash, the ROM, and the internal SRAM (permitting optimal single-cycle execution from the
SRAM).
Figure 6-2 shows MSP432P4x1xI-specific memory map of the Code zone, as visible to the user code.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More