Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DSP56166ROM Fiches technique(PDF) 10 Page - Motorola, Inc

No de pièce DSP56166ROM
Description  16-bit General Purpose Digital Signal Processor
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56166ROM Fiches technique(HTML) 10 Page - Motorola, Inc

Back Button DSP56166ROM Datasheet HTML 6Page - Motorola, Inc DSP56166ROM Datasheet HTML 7Page - Motorola, Inc DSP56166ROM Datasheet HTML 8Page - Motorola, Inc DSP56166ROM Datasheet HTML 9Page - Motorola, Inc DSP56166ROM Datasheet HTML 10Page - Motorola, Inc DSP56166ROM Datasheet HTML 11Page - Motorola, Inc DSP56166ROM Datasheet HTML 12Page - Motorola, Inc DSP56166ROM Datasheet HTML 13Page - Motorola, Inc DSP56166ROM Datasheet HTML 14Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 63 page
background image
10
MOTOROLA
DSP56166
PRELIMINARY
PINOUT AND PACKAGE INFORMATION
TOP VIEW
PIN 1
IDENT
29
MOTOROLA
DSP56166
112 CQFP PACKAGE
PIN-OUT
1
28
56
57
84
85
112
PIN #
FUNCTION
1
GND4
2D2
3D3
4
VDD3
5D4
6D5
7
GND5
8D6
9D7
10
D8
11
D9
12
GND6
13
D10
14
D11
15
VDD4
16
D12
17
D13
18
GND7
19
D14
20
D15
21
TA
22
DR
23
VDDA
24
SPKP
25
SPKM
26
GNDA
27
VDIV
28
VRDA
PIN #
FUNCTION
29
MIC
30
AUX
31
VRAD
32
BG
33
QVDD0
34
BR
35
BB
36
VDD5
37
WR
38
GND8
39
RD
40
PS/DS
41
BS
42
R/W
43
DSO
44
DSCK/OS1
45
DSI/OS0
46
CLKO
47
QGND0
48
GNDS
49
XFC
50
VDDS
51
EXTAL
52
SFS1/PC9
53
GND9
54
PEREN
55
SCK1/PC7
56
H7/PB7
PIN #
FUNCTION
57
H6/PB6
58
H5/PB5
59
VDD6
60
H2/PB2
61
H3/PB3
62
H4/PB4
63
SRD1/PC6
64
STD1/PC5
65
H1/PB1
66
H0/PB0
67
HREQ/PB13
68
HACK/PB14
69
HEN/PB12
70
HRW/PB11
71
HA2/PB10
72
HA1/PB9
73
GND10
74
HA0/PB8
75
TOUT/PC11
76
VDD7
77
TIN/PC10
78
SFS0/PC4
79
GND11
80
SCK0/PC2
81
SRD0/PC1
82
STD0/PC0
83
RESET
84
MODA
PIN #
FUNCTION
85
MODB
86
MODC
87
A0
88
A1
89
GND0
90
A2
91
A3
92
VDD1
93
A4
94
A5
95
GND1
96
QVDD1
97
A6
98
A7
99
A8
100
A9
101
GND2
102
A10
103
VDD2
104
QGND1
105
A11
106
A12
107
A13
108
GND3
109
A14
110
A15
111
D0
112
D1
Internal
A0-A15
D0-D15
Bus control
Port B, Once, PortC
Codec
Vcc
QVDD0-1
VDD1-2
VDD3-4
VDD5
VDD6,VDD7
VDDA
GND
QGND0-1
GND0-3
GND4-7
GND8
GND9,GND10, GND11
GNDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63