| Moteur de recherche de fiches techniques de composants électroniques |
|
DSP56166ROM Fiches technique(PDF) 33 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
DSP56166ROM Fiches technique(HTML) 33 Page - Motorola, Inc |
|
33 / 63 page ![]() PRELIMINARY - 6/15/93 23 DSP56166 Technical Data Sheet MOTOROLA External Bus Figure 1. External Bus Synchronous Timing — No Wait States Note 1: During Read-Modify-Write instructions and internal instructions, the address lines do not change state EXTAL (Input) CLKO (Output) A0-A15, PS/DS,R/W PEREN Note 1 BS (Output) WR (Output) RD (Output) TA (Input) D0-D15 (Output) D0-D15 (Input) T0 T1 T2 T3 T0 T1 T2 Data In 37 35 35 41 43 44 Data Out 34 36 40 42 47 48 51 50 46 49 45 35 47 48 41 |