Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STV3550 Fiches technique(PDF) 24 Page - STMicroelectronics

No de pièce STV3550
Description  LCD and Matrix Display TV Processor
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV3550 Fiches technique(HTML) 24 Page - STMicroelectronics

Back Button STV3550 Datasheet HTML 20Page - STMicroelectronics STV3550 Datasheet HTML 21Page - STMicroelectronics STV3550 Datasheet HTML 22Page - STMicroelectronics STV3550 Datasheet HTML 23Page - STMicroelectronics STV3550 Datasheet HTML 24Page - STMicroelectronics STV3550 Datasheet HTML 25Page - STMicroelectronics STV3550 Datasheet HTML 26Page - STMicroelectronics STV3550 Datasheet HTML 27Page - STMicroelectronics STV3550 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 144 page
background image
24/144
STV3550
3.3
Video Display Pipeline
The Video Display block includes all the processing required for adapting the incoming video
stream to the selected display format. Depending on the up-conversion mode, this block generates
the correct video sequence with the selected number of pixels per line, lines per field or fields per
second. It uses high-resolution horizontal and vertical polyphase filters to interpolate the additional
pixels and lines required for the selected display format. These filters are also used for zoom-in and
zoom-out rescaling.
It also includes picture improvement algorithms (PSI/CTI) to provide the picture with a more “high-
resolution” aspect.
Figure 8: Video Display Flowchart
Pixel FIFO
All data is in Analog Y/Cr/Cb format
Pixel Clock Domain
VTG
V-rst
Display Clock Domain
STBus Interconnect
T2 Memory Interface
4:2:2 to 4:4:4 Up-Conversion
Line Buffer
Line Buffer
CTI
PSI
HFC/VFC
Luma Path
HFC/VFC
Chroma Path
Pan/Scan
Pan/Scan
System Clock
Domain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More