Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STV3550 Fiches technique(PDF) 62 Page - STMicroelectronics

No de pièce STV3550
Description  LCD and Matrix Display TV Processor
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV3550 Fiches technique(HTML) 62 Page - STMicroelectronics

Back Button STV3550 Datasheet HTML 58Page - STMicroelectronics STV3550 Datasheet HTML 59Page - STMicroelectronics STV3550 Datasheet HTML 60Page - STMicroelectronics STV3550 Datasheet HTML 61Page - STMicroelectronics STV3550 Datasheet HTML 62Page - STMicroelectronics STV3550 Datasheet HTML 63Page - STMicroelectronics STV3550 Datasheet HTML 64Page - STMicroelectronics STV3550 Datasheet HTML 65Page - STMicroelectronics STV3550 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 144 page
background image
62/144
STV3550
Table 17 shows the SWAP output:
26
P25
B5
B7
00000
27
P26
B6
B8
00000
28
P27
B7
0
00000
29
P28
B8
0
00000
30
P29
B9
0
00000
Table 17: SWAP Output
STV3550
Pin Number
STV3550
Pad
Basic Output
3x10 bits
Output
3x8 bits
202
P0
R9
R7
203
P1
R8
R6
204
P2
R7
R5
205
P3
R6
R4
206
P4
R5
R3
208
P5
R4
R2
1P6
R3
R1
2P7
R2
R0
3P8
R1
G7
4P9
R0
G6
6
P10
G9
G5
7
P11
G8
G4
8
P12
G7
G3
9
P13
G6
G2
10
P14
G5
G1
12
P15
G4
G0
13
P16
G3
B7
14
P17
G2
B6
15
P18
G1
B5
16
P19
G0
B4
18
P20
B9
B3
19
P21
B8
B2
20
P22
B7
B1
21
P23
B6
B0
22
P24
B5
0
Table 16: Pinout
STV3550 Pin
Number
STV3550
Pad
Basic Output
3x10 bits
Output
3x9 bits
Output
3x8 bits
Output
3x7 bits
Output
3x6 bits
Output
3x5 bits
Output
3x4 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More