Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STV3550 Fiches technique(PDF) 61 Page - STMicroelectronics

No de pièce STV3550
Description  LCD and Matrix Display TV Processor
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV3550 Fiches technique(HTML) 61 Page - STMicroelectronics

Back Button STV3550 Datasheet HTML 57Page - STMicroelectronics STV3550 Datasheet HTML 58Page - STMicroelectronics STV3550 Datasheet HTML 59Page - STMicroelectronics STV3550 Datasheet HTML 60Page - STMicroelectronics STV3550 Datasheet HTML 61Page - STMicroelectronics STV3550 Datasheet HTML 62Page - STMicroelectronics STV3550 Datasheet HTML 63Page - STMicroelectronics STV3550 Datasheet HTML 64Page - STMicroelectronics STV3550 Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 144 page
background image
STV3550
61/144
Multiplex the output signal to reduce the number of pins:
In the case of 3 x 10 bits ouput or 3 x 8 bits output we could swap the MSB and LSB signal.
When we change the output mode we change the pinout according to Table 16.
Table 16: Pinout
STV3550 Pin
Number
STV3550
Pad
Basic Output
3x10 bits
Output
3x9 bits
Output
3x8 bits
Output
3x7 bits
Output
3x6 bits
Output
3x5 bits
Output
3x4 bits
202
P0
R0
R0
R0R0R0R0R0
203
P1
R1
R1
R1R1R1R1R1
204
P2
R2
R2
R2R2R2R2R2
205
P3
R3
R3
R3R3R3R3R3
206
P4
R4
R4
R4R4R4R4G0
208
P5
R5
R5
R5R5R5G0
G1
1
P6
R6
R6
R6R6G0
G1
G2
2
P7
R7
R7
R7
G0G1G2G3
3
P8
R8
R8
G0G1G2G3B0
4
P9
R9
G0
G1G2G3G4B1
6
P10
G0
G1
G2
G3
G4
B0
B2
7
P11
G1
G2
G3
G4
G5
B1
B3
8
P12
G2
G3
G4
G5
B0
B2
0
9
P13
G3
G4
G5
G6
B1
B3
0
10
P14
G4
G5
G6
B0B2B40
12
P15
G5
G6
G7
B1B30
0
13
P16
G6
G7
B0B2B40
0
14
P17
G7
G8
B1B3B50
0
15
P18
G8
B0
B2B40
0
0
16
P19
G9
B1
B3B50
0
0
18
P20
B0
B2
B4B60
0
0
19
P21
B1
B3
B5
0000
20
P22
B2
B4
B6
0000
21
P23
B3
B5
B7
0000
22
P24
B4
B6
00000
Pad
clk_dac
RGB
30
15
15
15
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More