Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STV3550 Fiches technique(PDF) 103 Page - STMicroelectronics

No de pièce STV3550
Description  LCD and Matrix Display TV Processor
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV3550 Fiches technique(HTML) 103 Page - STMicroelectronics

Back Button STV3550 Datasheet HTML 99Page - STMicroelectronics STV3550 Datasheet HTML 100Page - STMicroelectronics STV3550 Datasheet HTML 101Page - STMicroelectronics STV3550 Datasheet HTML 102Page - STMicroelectronics STV3550 Datasheet HTML 103Page - STMicroelectronics STV3550 Datasheet HTML 104Page - STMicroelectronics STV3550 Datasheet HTML 105Page - STMicroelectronics STV3550 Datasheet HTML 106Page - STMicroelectronics STV3550 Datasheet HTML 107Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 144 page
background image
STV3550
103/144
the value has changed between the previous and current values, then an edge is detected. This is
illustrated in Figure 66.
7.7.8
Receive Data Sampling
The data received by the SSC2 is sampled after the latching edge of the input clock. The latching
edge being determined by the programming of the polarity and phase bits.
The data value which is finally latched is determined by taking 3 data samples at the 3rd, 4th and
5th system clock periods after the latching data edge. The data value is determined from the
predominant data value in the 3 samples. This therefore gives an element of spike suppression.
The sampling process is shown in Figure 67.
Figure 66: Clock Edge Detection (Rising Edge)
Figure 67: Receive Data Sampling
System Clock
Serial_Clock_In
Sampling
Points
12
3
4
First 3 samples
Majority 0
Last 3 samples
Majority 1
System Clock
Serial_Clock_In
Sampling
Points
Latched Data
Value
12
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More