Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPL460A-I/4LB Fiches technique (PDF) - Microchip Technology

MPL460A-I/4LB Datasheet PDF - Microchip Technology
No de pièce MPL460A-I/4LB
Télécharger  MPL460A-I/4LB Télécharger
Taille du fichier   1982.51 Kbytes
Page   48 Pages
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description programmable modem designed for narrow-band Power Line Communication (PLC)

MPL460A-I/4LB Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
MPL460A-I/4LB Datasheet PDF - Microchip Technology

No de pièce MPL460A-I/4LB
Télécharger  MPL460A-I/4LB Click to download

Taille du fichier   1982.51 Kbytes
Page   48 Pages
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description programmable modem designed for narrow-band Power Line Communication (PLC)

MPL460A-I/4LB Fiches technique (HTML) - Microchip Technology


MPL460A-I/4LB Détails du produit

Description
The PL460 is a programmable modem designed for narrow-band Power Line Communication (PLC). It can
operate with any PLC protocol within the frequency band below 500 kHz. The PL460 embeds the PLC line driver,
providing a highly integrated solution that reduces the total bill of materials, simplifies the layout, and eases the
modem design.
This device has been designed to comply with FCC, ARIB, KN60, and CENELEC EN 50065 regulations matching
requirements of the Internet of Things (IoT) and Smart Energy applications. It supports state-of-the-art narrowband
PLC standards, such as G3-PLC, PRIME, and Meters and More, as well as any other narrowband PLC
protocols, simultaneously being a future-proof platform able to support the evolution of these standards.
The PL460 is designed to be driven by external Microchip host devices. Therefore, providing an additional level
of flexibility on the host side. The Microchip host device loads the proper PLC-protocol firmware in the PL460
before modem operation and controls the PL460 modem.
Features
The following are key features of the PL460 modem:
• Programmable Narrow-Band Power Line Communication (PLC) Modem
• Embedded PLC Class-D Amplifier
• Integrated PLC Front End:
– PGA with automatic gain control and ADC
– Digital transmission level control
– Supports two independent transmission branches for the PLC signal
– Up to 500 kHz PLC signal bandwidth
• Architecture:
– High-performance architecture combining CPU, specific co-processors for digital signal processing and
dedicated hardware accelerators for common narrow-band PLC tasks
• Cryptographic Engine and Secure Boot:
– Secure boot: supports AES-128 CMAC for authentication, AES-128 CBC for decryption
– Fuse programming control for decryption and authentication 128-bit keys
• Clock Management:
– 24 MHz external crystal for system clock
• Power Management:
– 3.3V external supply voltage for I/O, digital and analog
– 1.25V internal voltage regulator for the core
– 12V external supply for the PLC amplifier
– Optimized power modes for specific operation profiles, including Low-Power mode
• Package: Available in TFBGA-81, 10 mm x 10 mm, 1.0 mm pitch
• Temperature Range: Industrial (-40ºC to +85ºC)




Numéro de pièce similaire - MPL460A-I/4LB

FabricantNo de pièceFiches techniqueDescription
logo
Microsemi Corporation
MPL4700 MICROSEMI-MPL4700 Datasheet
63Kb / 3P
MONOLITHIC MICROWAVE SURFACE MOUNT MICRO-PAK PIN DIODES
MPL4700 MICROSEMI-MPL4700 Datasheet
172Kb / 3P
CONTROL DEVICES ??MMSM PIN and Limiter Diodes
MPL4701 MICROSEMI-MPL4701 Datasheet
172Kb / 3P
CONTROL DEVICES ??MMSM PIN and Limiter Diodes
logo
Microchip Technology
MPL485A-I/AJA MICROCHIP-MPL485A-I/AJA Datasheet
742Kb / 22P
Programmable Narrow-Band Power Line Communication (NB-PLC) system on chip
03/2020 Rev B
MPL485AT-I/AJA MICROCHIP-MPL485AT-I/AJA Datasheet
742Kb / 22P
Programmable Narrow-Band Power Line Communication (NB-PLC) system on chip
03/2020 Rev B
More results


Description similaire - MPL460A-I/4LB

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL1571 INTERSIL-ISL1571 Datasheet
37Kb / 2P
Power Line Communication PLC
ISL1572 INTERSIL-ISL1572 Datasheet
37Kb / 2P
Power Line Communication PLC
logo
ON Semiconductor
NCN49597MNG ONSEMI-NCN49597MNG Datasheet
293Kb / 29P
Power Line Communication Modem
May, 2014 ??Rev. 1
NCN49599 ONSEMI-NCN49599_15 Datasheet
451Kb / 35P
Power Line Communication Modem
August, 2015 ??Rev. P3
NCN49597 ONSEMI-NCN49597_17 Datasheet
297Kb / 30P
Power Line Communication Modem
January, 2017 ??Rev. 4
NCN49599 ONSEMI-NCN49599_17 Datasheet
437Kb / 35P
Power Line Communication Modem
January, 2017 ??Rev. P5
logo
Renesas Technology Corp
ISL1572 RENESAS-ISL1572 Datasheet
181Kb / 2P
Power Line Communication (PLC)
logo
STMicroelectronics
ST8500 STMICROELECTRONICS-ST8500 Datasheet
1Mb / 37P
Programmable power line communication modem System on Chip
19-Jun-2018
logo
Renesas Technology Corp
ISL1571 RENESAS-ISL1571 Datasheet
624Kb / 14P
Power Line Communication (PLC)
Nov.7.19
logo
Microchip Technology
PL485 MICROCHIP-PL485 Datasheet
742Kb / 22P
Programmable Narrow-Band Power Line Communication (NB-PLC) system on chip
03/2020 Rev B
More results




À propos de Microchip Technology


Microchip Technology est une entreprise américaine de semi-conducteurs fondée en 1989.
La société fournit une large gamme de microcontrôleurs, de produits analogiques, de mémoire et de sécurité pour diverses applications sur les marchés automobiles, industriels et consommateurs.
Microchip est l'un des plus grands fournisseurs de microcontrôleurs au monde et est connu pour son expertise dans la conception de faible puissance et son accent sur les technologies d'économie d'énergie.
L'entreprise fournit également des outils de développement et des logiciels pour aider les clients à concevoir et à prototyper leurs produits.
Microchip a des opérations dans plus de 70 pays et ses produits sont utilisés dans un large éventail d'applications.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com