| Fabricant | No de pièce | Fiches technique | Description |
 Transko Electronics, In... |
CT22
|
305Kb / 1P |
TEMPERATURE SENSING SMD CRYSTAL (2.5 x 2.0 x 1.0mm)
Rev. 1: 10-10-19 |
|
TEI32
|
422Kb / 1P |
MINIATURE SMD OSCILLATOR (3.2 x 2.5 x 1.0mm)
Ver.1: Mar. 2015 |
|
TIP22
|
454Kb / 1P |
MINIATURE SMD OSCILLATOR (2.5 x 2.0 x 1.0mm)
Rev.1: Mar. 2015 |
|
TP22
|
453Kb / 1P |
MINIATURE SMD PROGRAMMABLE OSCILLATOR (2.5 x 2.0 x 1.0mm)
Rev.1: Jul. 2014 |
|
TP32
|
463Kb / 1P |
MINIATURE SMD PROGRAMMABLE OSCILLATOR (3.2 x 2.5 x 1.0mm)
Rev.5: Aug. 2015 |
|
TSI22
|
453Kb / 1P |
MINIATURE SMD REAL TIME OSCILLATOR (2.5 x 2.0 x 1.0mm)
Rev.4: Mar. 2015 |
|
TSM22
|
292Kb / 1P |
ULTRA MINIATURE SMD CMOS OSCILLATOR (2.5 x 2.0 x 1.0mm)
Rev 5: 02-24-2022 |
|
TSMV3
|
380Kb / 1P |
CMOS MINIATURE SMD VCXO (3.2 x 2.5 x 1.2mm)
Rev. 3: Jun. 2015 |
|
TVM26
|
760Kb / 1P |
CMOS MINIATURE SMD VCXO (2.5 x 2.0 x 1.1mm)
Rev. 0: Aug, 2020 |
|
TVM36
|
162Kb / 1P |
CMOS MINIATURE SMD VCXO (3.2 x 2.5 x 1.2mm)
Rev. 0: Jan. 2020 |