| Fabricant | No de pièce | Fiches technique | Description |
 EUROQUARTZ limited |
GSR53
|
94Kb / 1P |
5 x 3.2 x 1.2mm SMD Sine Wave VCXO
|
 Transko Electronics, In... |
CS53B
|
255Kb / 1P |
MINIATURE CERAMIC SMD CRYSTAL (5.0 x 3.2 x 1.2mm)
Rev 6: 02-07-2022 |
|
TFC5
|
316Kb / 2P |
TCXO/VCTCXO ULTRA MINIATURE SMD (5.0 x 3.2 x 1.2mm)
Rev 3: 03-02-2023 |
|
THC32
|
300Kb / 1P |
CERAMIC HCSL MINIATURE SMD OSCILLATOR (3.2 x 2.5 x 1.2mm)
Rev. 1: Jan. 2020 |
|
TISM3
|
314Kb / 1P |
CERAMIC LVDS MINIATURE SMD OSCILLATOR (3.2 x 2.5 x 1.2mm)
Rev 3: 02-02-22 |
|
TPSM3
|
107Kb / 1P |
CERAMIC PECL MINIATURE SMD OSCILLATOR (3.2 x 2.5 x 1.2mm)
Rev. 0: Apr. 2019 |
|
TSM32
|
298Kb / 1P |
ULTRA MINIATURE SMD CMOS OSCILLATOR (3.2 x 2.5 x 1.2mm)
Rev 7: 02-24-2022 |
|
TSMV2
|
376Kb / 1P |
CMOS MINIATURE SMD VCXO (2.5 x 2.0 x 1.0mm)
Rev. 0: Jul. 2015 |
|
TVM26
|
760Kb / 1P |
CMOS MINIATURE SMD VCXO (2.5 x 2.0 x 1.1mm)
Rev. 0: Aug, 2020 |
|
TVM36
|
162Kb / 1P |
CMOS MINIATURE SMD VCXO (3.2 x 2.5 x 1.2mm)
Rev. 0: Jan. 2020 |