Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CT22 Fiches technique (PDF) - Transko Electronics, Inc.

CT22 Datasheet PDF - Transko Electronics, Inc.
No de pièce CT22
Télécharger  CT22 Télécharger
Taille du fichier   305.93 Kbytes
Page   1 Pages
Fabricant  TRANSKO [Transko Electronics, Inc.]
Site Internet  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.
Description TEMPERATURE SENSING SMD CRYSTAL (2.5 x 2.0 x 1.0mm)

CT22 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
CT22 Datasheet PDF - Transko Electronics, Inc.

No de pièce CT22
Télécharger  CT22 Click to download

Taille du fichier   305.93 Kbytes
Page   1 Pages
Fabricant  TRANSKO [Transko Electronics, Inc.]
Site Internet  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.
Description TEMPERATURE SENSING SMD CRYSTAL (2.5 x 2.0 x 1.0mm)

CT22 Fiches technique (HTML) - Transko Electronics, Inc.


CT22 Détails du produit

FEATURES:
• HIGH FREQUENCY STABILITY
• EXCELLENT THERMAL COUPLING
• FOR MOBILE COMMUNICATION




Numéro de pièce similaire - CT22

FabricantNo de pièceFiches techniqueDescription
logo
Allegro MicroSystems
CT220 ALLEGRO-CT220 Datasheet
2Mb / 25P
XtremeSense™ High-Linearity, High-Resolution TMR Current Sensor with FLAG Output in Miniature Form Factor
Rev. 1 December 15, 2023
logo
Powerex Power Semicondu...
CT220802 POWEREX-CT220802 Datasheet
91Kb / 4P
Split SCR/Diode POW-R-BLOK??Modules 20 Amperes/800 Volts
logo
Allegro MicroSystems
CT220BMC-HS5 ALLEGRO-CT220BMC-HS5 Datasheet
2Mb / 25P
XtremeSense™ High-Linearity, High-Resolution TMR Current Sensor with FLAG Output in Miniature Form Factor
Rev. 1 December 15, 2023
CT220BMC-IS5 ALLEGRO-CT220BMC-IS5 Datasheet
2Mb / 25P
XtremeSense™ High-Linearity, High-Resolution TMR Current Sensor with FLAG Output in Miniature Form Factor
Rev. 1 December 15, 2023
CT220BMV-HS5 ALLEGRO-CT220BMV-HS5 Datasheet
2Mb / 25P
XtremeSense™ High-Linearity, High-Resolution TMR Current Sensor with FLAG Output in Miniature Form Factor
Rev. 1 December 15, 2023
More results


Description similaire - CT22

FabricantNo de pièceFiches techniqueDescription
logo
TAITIEN ELECTRONICS CO....
XO-0078-PY-TYPE TAITIEN-XO-0078-PY-TYPE Datasheet
387Kb / 1P
2.5 x 2.0 mm SMD Crystal Oscillator
XO-0079-OY-TYPE TAITIEN-XO-0079-OY-TYPE Datasheet
342Kb / 1P
2.5 x 2.0 mm SMD Crystal Oscillator
AT-0017-XY TAITIEN-AT-0017-XY Datasheet
467Kb / 1P
2.5 x 2.0 mm SMD Crystal
logo
Transko Electronics, In...
CT16 TRANSKO-CT16 Datasheet
286Kb / 1P
TEMPERATURE SENSING SMD CRYSTAL (1.6 x 1.2 x 0.65mm)
Rev. 1: 10-10-19
CT21 TRANSKO-CT21 Datasheet
305Kb / 1P
TEMPERATURE SENSING SMD CRYSTAL (2.0 x 1.6 x 0.8mm)
Rev. 1: 10-10-19
TIP22 TRANSKO-TIP22 Datasheet
454Kb / 1P
MINIATURE SMD OSCILLATOR (2.5 x 2.0 x 1.0mm)
Rev.1: Mar. 2015
TP22 TRANSKO-TP22 Datasheet
453Kb / 1P
MINIATURE SMD PROGRAMMABLE OSCILLATOR (2.5 x 2.0 x 1.0mm)
Rev.1: Jul. 2014
TSI22 TRANSKO-TSI22 Datasheet
453Kb / 1P
MINIATURE SMD REAL TIME OSCILLATOR (2.5 x 2.0 x 1.0mm)
Rev.4: Mar. 2015
TSM22 TRANSKO-TSM22 Datasheet
292Kb / 1P
ULTRA MINIATURE SMD CMOS OSCILLATOR (2.5 x 2.0 x 1.0mm)
Rev 5: 02-24-2022
TSMV2 TRANSKO-TSMV2 Datasheet
376Kb / 1P
CMOS MINIATURE SMD VCXO (2.5 x 2.0 x 1.0mm)
Rev. 0: Jul. 2015
More results



Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com