Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LF171 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about LF171 Datasheet

  • # Example questions: ➢ What mesh size and emulsion thickness are suggested for the screen printing process using dupont lf171?
    ➢ What firing cycle (temperature and duration) is recommended for dupont lf171?
    ➢ What substrates are compatible with dupont lf171, and what is the shelf life of the material in unopened containers?

  • Part No.LF171
    ManufacturerETC
    Size106 Kbytes
    Pages3 pages
    DescriptionPLATINUM SILVER CONDUCTOR
    Datasheet Summary with AI

    1. Product Description:

    ️· Product Name: DuPont LF171
    ️· Type: Conductive Paste / Inks (likely for hybrid microcircuits and networks)
    ️· Key Features:
    - Excellent fine-line resolution
    - "Lead, cadmium, and nickel free" (trace amounts may still be present)
    - Excellent solderability (lead and lead-free)
    - Good green strength
    - Compatible with DuPont LF151 dielectric for crossover applications.

    2. Processing Conditions:

    ️· Printing:
    - Screen mesh: 200-325 mesh stainless steel
    - Emulsion: 0.3 - 0.5 mil
    - Print speed: up to 20 cm/s
    ️· Drying: 5-10 minutes at room temperature, then 10-15 minutes at 150°C
    ️· Firing: Peak temperature of 850°C, held for 10 minutes within a 30-minute cycle in an air (oxidizing) atmosphere.

    3. Technical Specifications (Typical Values):

    ️· Viscosity: 180-220 Pa.s (Brookfield HBT, UC&SP @ 10 rpm, 25°C)
    ️· Thinner: DuPont 4553
    ️· Retest Time: 6 months
    ️· Shrinkage (dried to fired): 35-40%
    ️· Mean Fired Thickness (using 200 mesh): 13-19 µm (typical 16 µm)
    ️· Coverage @ 16 µm fired: 70 cm²/g
    ️· Resistivity @ 16 µm fired: ≤ 2.5 mΩ/sq
    ️· Adhesion (90° wire peel test): ≥ 20 N (on 2mm x 2mm pad soldered with 62/36/2 solder, using mildly activated flux on 96% alumina)

    4. Material Compatibility and Use:

    ️· Substrates: Compatible with Al2O3 and BeO.
    ️· Thinner: DuPont 4553 is the recommended thinner.
    ️· General Notes: Performance depends on careful screen printing techniques. Keep equipment clean and free of contamination.

    5. Contact Information:

    ️· Provides contact information for DuPont Microcircuit Materials offices in the Americas, Europe, and Asia.

    6. Legal Disclaimer:

    ️· Standard legal disclaimers regarding product liability, warranties, and patent infringements.
    ️· Caution regarding medical applications.

    1. Product Description:

    ️· Product Name: DuPont LF171
    ️· Type: Conductive Paste / Inks (likely for hybrid microcircuits and networks)
    ️· Key Features:
    - Excellent fine-line resolution
    - "Lead, cadmium, and nickel free" (trace amounts may still be present)
    - Excellent solderability (lead and lead-free)
    - Good green strength
    - Compatible with DuPont LF151 dielectric for crossover applications.

    2. Processing Conditions:

    ️· Printing:
    - Screen mesh: 200-325 mesh stainless steel
    - Emulsion: 0.3 - 0.5 mil
    - Print speed: up to 20 cm/s
    ️· Drying: 5-10 minutes at room temperature, then 10-15 minutes at 150°C
    ️· Firing: Peak temperature of 850°C, held for 10 minutes within a 30-minute cycle in an air (oxidizing) atmosphere.

    3. Technical Specifications (Typical Values):

    ️· Viscosity: 180-220 Pa.s (Brookfield HBT, UC&SP @ 10 rpm, 25°C)
    ️· Thinner: DuPont 4553
    ️· Retest Time: 6 months
    ️· Shrinkage (dried to fired): 35-40%
    ️· Mean Fired Thickness (using 200 mesh): 13-19 µm (typical 16 µm)
    ️· Coverage @ 16 µm fired: 70 cm²/g
    ️· Resistivity @ 16 µm fired: ≤ 2.5 mΩ/sq
    ️· Adhesion (90° wire peel test): ≥ 20 N (on 2mm x 2mm pad soldered with 62/36/2 solder, using mildly activated flux on 96% alumina)

    4. Material Compatibility and Use:

    ️· Substrates: Compatible with Al2O3 and BeO.
    ️· Thinner: DuPont 4553 is the recommended thinner.
    ️· General Notes: Performance depends on careful screen printing techniques. Keep equipment clean and free of contamination.

    5. Contact Information:

    ️· Provides contact information for DuPont Microcircuit Materials offices in the Americas, Europe, and Asia.

    6. Legal Disclaimer:

    ️· Standard legal disclaimers regarding product liability, warranties, and patent infringements.
    ️· Caution regarding medical applications.

    Part No.LF171
    ManufacturerETC
    Size106 Kbytes
    Pages3 pages
    DescriptionPLATINUM SILVER CONDUCTOR