| Moteur de recherche de fiches techniques de composants électroniques |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about LP5910 Datasheet
# Example questions:
➢ What is the thermal shutdown temperature (tsd) and the thermal hysteresis of the lp5910?
➢ What is the maximum output discharge pulldown resistance (rad) when the enable pin (ven) is 0v and the input voltage (vin) is 3v?
➢ What is the typical output noise voltage (en) when the output current (iout) is 300 ma?
# LP5910 300-mA Low-Noise, Low-IQ LDO
## Features
️· Input voltage range: 1.3 V to 3.3 V
️· Output voltage range: 0.8 V to 2.3 V
️· Output current: 300 mA
️· PSRR: 75 dB at 1 kHz
️· Output voltage tolerance: ±2%
️· Low dropout: 120 mV (typical)
️· Very low IQ (enabled, no load): 12 µA
️· Low output-voltage noise: 12 µV RMS
️· Stable with ceramic input and output capacitors
️· Thermal overload protection
️· Short-circuit protection
️· Reverse current protection
️· Automatic output discharge for fast turnoff
## Applications
️· Mobile phones and tablets
️· Digital cameras and audio devices
️· Portable and battery-powered equipment
️· Portable medical equipment
️· Virtual reality
️· RF, PLL, VCO, and clock power supplies
️· IP cameras
## Description
The LP5910 is a low-noise LDO supplying up to 300 mA. Designed for RF and analog circuits, it offers low noise, high PSRR, low quiescent current, and superior transient response. It features class-leading noise performance without a bypass capacitor and supports remote capacitor placement. A reverse current protection circuit prevents reverse current flow, and an automatic output discharge circuit enables fast turnoff. It's well-suited as a post DC-DC regulator or for single/dual-cell applications, operating with 1-µF input and output ceramic capacitors. Fixed output voltages are available from 0.8 V to 2.3 V in 25-mV steps.
## Specifications
️· Absolute Maximum Ratings: VIN/VOUT: -0.3 to 3.6 V, IQ: 25 µA (no load), TJ(MAX): 150°C
️· Electrical Characteristics: (VIN = VOUT + 0.5V, VEN = 1V, IOUT = 1mA): Dropout Voltage: 120mV (typical), Quiescent Current: 12 µA (typical)
️· Thermal Information: RθJA (DSBGA): 202.8 °C/W, RθJA (WSON): 79.2 °C/W
## Pin Configuration
️· DSBGA (4-Pin): EN, GND, IN, OUT
️· WSON (6-Pin): EN, GND, IN, OUT, NC, Thermal Pad
# LP5910 300-mA Low-Noise, Low-IQ LDO
## Features
️· Input voltage range: 1.3 V to 3.3 V
️· Output voltage range: 0.8 V to 2.3 V
️· Output current: 300 mA
️· PSRR: 75 dB at 1 kHz
️· Output voltage tolerance: ±2%
️· Low dropout: 120 mV (typical)
️· Very low IQ (enabled, no load): 12 µA
️· Low output-voltage noise: 12 µV RMS
️· Stable with ceramic input and output capacitors
️· Thermal overload protection
️· Short-circuit protection
️· Reverse current protection
️· Automatic output discharge for fast turnoff
## Applications
️· Mobile phones and tablets
️· Digital cameras and audio devices
️· Portable and battery-powered equipment
️· Portable medical equipment
️· Virtual reality
️· RF, PLL, VCO, and clock power supplies
️· IP cameras
## Description
The LP5910 is a low-noise LDO supplying up to 300 mA. Designed for RF and analog circuits, it offers low noise, high PSRR, low quiescent current, and superior transient response. It features class-leading noise performance without a bypass capacitor and supports remote capacitor placement. A reverse current protection circuit prevents reverse current flow, and an automatic output discharge circuit enables fast turnoff. It's well-suited as a post DC-DC regulator or for single/dual-cell applications, operating with 1-µF input and output ceramic capacitors. Fixed output voltages are available from 0.8 V to 2.3 V in 25-mV steps.
## Specifications
️· Absolute Maximum Ratings: VIN/VOUT: -0.3 to 3.6 V, IQ: 25 µA (no load), TJ(MAX): 150°C
️· Electrical Characteristics: (VIN = VOUT + 0.5V, VEN = 1V, IOUT = 1mA): Dropout Voltage: 120mV (typical), Quiescent Current: 12 µA (typical)
️· Thermal Information: RθJA (DSBGA): 202.8 °C/W, RθJA (WSON): 79.2 °C/W
## Pin Configuration
️· DSBGA (4-Pin): EN, GND, IN, OUT
️· WSON (6-Pin): EN, GND, IN, OUT, NC, Thermal Pad
| Part No. | LP5910 |
| Manufacturer | TI |
| Size | 2Mb |
| Pages | 31 pages |
| Description | LP5910 300-mA Low-Noise, Low-IQ LDO |